Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7445 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC7445 Datasheet HTML 17Page - NXP Semiconductors MPC7445 Datasheet HTML 18Page - NXP Semiconductors MPC7445 Datasheet HTML 19Page - NXP Semiconductors MPC7445 Datasheet HTML 20Page - NXP Semiconductors MPC7445 Datasheet HTML 21Page - NXP Semiconductors MPC7445 Datasheet HTML 22Page - NXP Semiconductors MPC7445 Datasheet HTML 23Page - NXP Semiconductors MPC7445 Datasheet HTML 24Page - NXP Semiconductors MPC7445 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
21
Electrical and Thermal Characteristics
Figure 11 provides the test access port timing diagram.
Figure 11. Test Access Port Timing Diagram
5.3
Voltage and Frequency Derating
To reduce the power consumption of the device, these devices support voltage and frequency derating
whereby the core voltage (VDD) may be reduced if the reduced maximum processor core frequency
requirements are observed. The supported derated core voltage, resulting maximum processor core
frequency (fcore), and power consumption are provided in Table 11. Only those parameters in Table 11 are
affected; all other parameter specifications are unaffected.
Table 11. Supported Voltage, Core Frequency, and Power Consumption Derating
Maximum Rated
Core Frequency
(Device Marking)
Supported
Derated Core
Voltage (VDD)
Maximum Derated Core
Frequency (fcore)
Full-Power Mode Power
Consumption
Maximum
Typical
1000
1.20 V ±50mV
867 MHz
15.5 W
10.5 W
1267
1065 MHz
18.2 W
12.3 W
1333
1167 MHz
18.1 W
12.3 W
1420
1267 MHz
21.0 W
14.2 W
VM
TCK
TDI, TMS
TDO
Output Data Valid
VM = Midpoint Voltage (OVDD/2)
tIXJH
tIVJH
tJLOV
tJLOZ
Input
Data Valid
TDO
Output Data Valid
tJLOX
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com