Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7445 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPC7445 Datasheet HTML 37Page - NXP Semiconductors MPC7445 Datasheet HTML 38Page - NXP Semiconductors MPC7445 Datasheet HTML 39Page - NXP Semiconductors MPC7445 Datasheet HTML 40Page - NXP Semiconductors MPC7445 Datasheet HTML 41Page - NXP Semiconductors MPC7445 Datasheet HTML 42Page - NXP Semiconductors MPC7445 Datasheet HTML 43Page - NXP Semiconductors MPC7445 Datasheet HTML 44Page - NXP Semiconductors MPC7445 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
41
System Design Information
The COP header shown in Figure 19 adds many benefits—breakpoints, watchpoints, register and memory
examination/modification, and other standard debugger features are possible through this interface—and
can be as inexpensive as an unpopulated footprint for a header to be added when needed.
The COP interface has a standard header for connection to the target system, based on the 0.025"
square-post, 0.100" centered header assembly (often called a Berg header). The connector typically has
pin 14 removed as a connector key.
There is no standardized way to number the COP header shown in Figure 19; consequently, many different
pin numbers have been observed from emulator vendors. Some are numbered top-to-bottom then
left-to-right, while others use left-to-right then top-to-bottom, while still others number the pins counter
clockwise from pin 1 (as with an IC). Regardless of the numbering, the signal placement recommended in
Figure 19 is common to all known emulators.
The QACK signal shown in Figure 19 is usually connected to the PCI bridge chip in a system and is an
input to the MPC7447A informing it that it can go into the quiescent state. Under normal operation this
occurs during a low-power mode selection. In order for COP to work, the MPC7447A must see this signal
asserted (pulled down). While shown on the COP header, not all emulator products drive this signal. If the
product does not, a pull-down resistor can be populated to assert this signal. Additionally, some emulator
products implement open-drain type outputs and can only drive QACK asserted; for these tools, a pull-up
resistor can be implemented to ensure this signal is negated when it is not being driven by the tool. Note
that the pull-up and pull-down resistors on the QACK signal are mutually exclusive and it is never
necessary to populate both in a system. To preserve correct power-down operation, QACK should be
merged through logic so that it also can be driven by the PCI bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com