Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7445 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC7445 Datasheet HTML 9Page - NXP Semiconductors MPC7445 Datasheet HTML 10Page - NXP Semiconductors MPC7445 Datasheet HTML 11Page - NXP Semiconductors MPC7445 Datasheet HTML 12Page - NXP Semiconductors MPC7445 Datasheet HTML 13Page - NXP Semiconductors MPC7445 Datasheet HTML 14Page - NXP Semiconductors MPC7445 Datasheet HTML 15Page - NXP Semiconductors MPC7445 Datasheet HTML 16Page - NXP Semiconductors MPC7445 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
13
Electrical and Thermal Characteristics
Table 7 provides the power consumption for the MPC7447A. For information regarding power
consumption when dynamic frequency switching is enabled, see Section 9.8.5, “Dynamic Frequency
Switching (DFS).”
NOTE
The power consumption information in this table applies when the device is
operated at the nominal core voltage indicated in Table 4. For power
consumption at derated core voltage conditions, see Section 5.3, “Voltage
and Frequency Derating.”
Capacitance,
Vin = 0 V, f = 1 MHz
All other inputs
Cin
—8.0
pF
5
Notes:
1. Nominal voltages; see Table 4 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals
4. The leakage is measured for nominal OVDD and VDD, or both OVDD and VDD must vary in the same direction (for
example, both OVDD and VDD vary by either +5% or –5%).
5. Capacitance is periodically sampled rather than 100% tested.
6. Excludes signals with internal pullups: BVSEL, LSSD_MODE, TDI, TMS, and TRST.
Table 7. Power Consumption for MPC7447A
Processor (CPU) Frequency
Unit
Notes
1000
1267
1333 5
1420 MHz
Full-Power Mode
Typical
16.0
18.3
18.0
21.0
W
1, 2
Maximum
23.0
26.0
25.0
30.0
W
1, 3
Nap Mode
Typical
4.1
4.1
3.3
4.1
W
1, 2
Sleep Mode
Typical
4.1
4.1
3.3
4.1
W
1, 2
Deep Sleep Mode (PLL Disabled)
Table 6. DC Electrical Specifications (continued)
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com