Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7445 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7445 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPC7445 Datasheet HTML 45Page - NXP Semiconductors MPC7445 Datasheet HTML 46Page - NXP Semiconductors MPC7445 Datasheet HTML 47Page - NXP Semiconductors MPC7445 Datasheet HTML 48Page - NXP Semiconductors MPC7445 Datasheet HTML 49Page - NXP Semiconductors MPC7445 Datasheet HTML 50Page - NXP Semiconductors MPC7445 Datasheet HTML 51Page - NXP Semiconductors MPC7445 Datasheet HTML 52Page - NXP Semiconductors MPC7445 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
49
System Design Information
9.8.4
Temperature Diode
The MPC7447A has a temperature diode on the microprocessor that can be used in conjunction with other
system temperature monitoring devices (such as Analog Devices, ADT7461™). These devices use the
negative temperature coefficient of a diode operated at a constant current to determine the temperature of
the microprocessor and its environment. For proper operation, the monitoring device used should
auto-calibrate the device by canceling out the VBE variation of each MPC7447A’s internal diode.
The following are the specifications of the MPC7447A on-board temperature diode:
0.40 V <Vf <0.90 V
Operating range 2–300
μA
Diode leakage < 10 nA @ 125 C
Ideality factor (n) over 5–150
μA @ 60 C: 1.0275 ± 0.9 %
Ideality factor is defined as the deviation from the ideal diode equation:
Where:
Ifw = Forward current
Is = Saturation current
Vd = Voltage at diode BM: this does not show up in any equations.
Vf = Voltage forward biased
q = Charge of electron (1.6 x 10 -19 C)
n = Ideality factor (normally 1.0)
K = Boltzman’s constant (1.38 x 10-23 Joules/K)
T = Temperature (Kelvins)
Another useful equation is :
Where:
VH = Diode voltage while IH is flowing
VL = Diode voltage while IL is flowing
IH = Larger diode bias current
IL = Smaller diode bias current
Ifw = Is e
– 1
qVf
___
nKT
VH – VL = n
ln
KT
__
q
IH
__
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com