Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5227C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE5227C
Description  600mA Fast Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5227C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE5227C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE5227C
600mA Fast Response Linear Regulator
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
8V
Operating Junction Temperature(Tj)
150℃
Ambient Temperature(Ta)
-40℃–85℃
Power Dissipation
SOT-23-5
400mW
SC-70-5
400mW
Storage Temperature(Ts)
-40℃-150℃
Lead Temperature & Time
260℃,10S
Packaging Type
SOT-23-5
SC-70-5
Pin Configuration
Pin
Name
Description
1
VIN
Supply Voltage Input. Supply voltage can range from 1.8V to 6V. Bypass with a 1μF
capacitor to GND.
2
GND
Ground Pin
3
EN
Enable Pin. This pin has an internal pull-down resistor. A logic low reduces the
supply current to
less than 1μA. Connect to IN for normal operation.
4
FB
Feedback Pin (adjustable only). This is used to set the output voltage of the device.
5
VOUT
Output Voltage
Ordering Information
ACE5227C XX+ H
Halogen - free
Pb - free
BN: SOT-23-5
HN: SC-70-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com