Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5227C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE5227C
Description  600mA Fast Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5227C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE5227C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACE5227C
600mA Fast Response Linear Regulator
VER 1.1
4
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF, Ta=25℃, Unless Otherwise Specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage
2.5
6
V
VFB
Regulated Feedback
Voltage
VIN =3.3V, IOUT=10mA
0.784
0.8
0.816
V
VDROP*
Dropout Voltage
VOUT=1.8V, IOUT =300mA
900
1350
mV
VOUT=2.5V, IOUT =600mA
550
825
mV
VOUT=3.3V, IOUT =600mA
355
500
mV
∆Vout
∆Vin˙ ∆Vout
Line Regulation
IOUT =10mA,
2.5V≤VIN≤6V
0.05
0.2
%/V
∆Vout /∆Iout
Load Regulation
VIN =4.3V, VOUT =3.3V
0mA≤I
OUT
≤600mA
50
80
mV
IQ
Supply Current
VIN = VOUT +1V
40
100
uA
ISTANDBY
Supply Current
(Srandby)
VIN = VOUT +1V, VEN=GND
0.1
1.0
uA
∆Vout
∆T ˙Vout
Output Voltage
Temperature
Coefficiency
IOUT =10mA
±100
ppm/°C
PSRR
Ripple Rejection
F=1KHz, Ripple=1Vp-p
VIN = VOUT +1V
60
dB
ILIM
Current Limit
VIN =4.3V, VOUT =3.3V
800
mA
ISHORT
Short Current Limit
VOUT =0V
200
mA
RDISCHARGE
Discharge Resistor
EN=0, VOUT =3V
280
ohm
VENH
EN Input Voltage “H”
1.3
Vin
V
VENL
EN Input Voltage “L”
0
0.35
V
TSD
Thermal Shutdown
Temp
160
°C
TSH
Thermal Shutdown
Hysteresis
30
°C
Note: * VDROP=VIN1-(VOUT2*0.98) VOUT 2 is the output voltage when VIN = VOUT 1+1.0V and IOUT =600mA.
VIN 1 is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing
the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com