Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5227C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE5227C
Description  600mA Fast Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5227C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE5227C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE5227C
600mA Fast Response Linear Regulator
VER 1.1
3
Typical Application Circuit
Note:
Block Diagram
Explanation
ACE5227C series is a group of positive voltage output, low noise, low power consumption, low dropout
voltage regulator.
ACE5227C can provide output value adjustable from 0.8V to 5.0V.
ACE5227C includes high accuracy voltage reference, error amplifier, and current limit circuit and output
driver module.
ACE5227C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. It uses trimming technique to guarantee output voltage
accuracy within±2%. And it also provides fold-back short-circuit protection, thermal protection and output
current limit function.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com