Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE5227C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5227C
Description  600mA Fast Response Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5227C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5227C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5227C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE5227C
600mA Fast Response Linear Regulator
VER 1.1
1
Description
ACE5227C series is a group of positive voltage output, low power consumption, low dropout voltage
regulator.
ACE5227C can provide output value adjustable from0.8V to 5.0V.
ACE5227C includes high accuracy voltage reference, error amplifier, and current limit circuit and output
driver module with discharge capability.
ACE5227C has excellent load and line transient response and good temperature characteristics, which
can assure the stability of chip and power system. It uses trimming technique to guarantee output voltage
accuracy within ±2%. And it also provides fold back short-circuit protection, thermal protection and output
current limit function.
ACE5227C is available in SOT23-5 and SC70-5 packages which are lead free.
Features
Low Power Consumption: 40uA (Typ.)
Maximum output current: 600mA
Low dropout Voltage:
170mV@Iout=300mA,Vout=3.3V
355mV@Iout=600mA,Vout=3.3V
Build-in chip enable and discharge circuit
Input voltage range: 2.5~6V
Adjustable Output from 0.8V to 5.0V
Output Voltage Accuracy: ±2%
Output current limit: 800mA (Typ.)
OCP/SCP/TSD protection
Application
Battery-Powered
Equipment’s
Hand-Held Electrical Appliances
Portable
Communication Equipment’s
Recommended Work Conditions
Parameter
Value
Input Voltage Range
2.5V to 6V
Ambient Temperature
-40℃ –85℃


Similar Part No. - ACE5227C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE522 ACE-ACE522 Datasheet
400Kb / 9P
36V Input Linear Regulator
VER 1.1
More results

Similar Description - ACE5227C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Unisonic Technologies
LR1107 UTC-LR1107 Datasheet
221Kb / 6P
600mA FAST ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
600mA, Ultra-Fast Transient Response Linear Regulator
logo
Anpec Electronics Corop...
APL1187 ANPEC-APL1187 Datasheet
153Kb / 9P
600mA Low Dropout Fast Response Positive Fixed 1.2V Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
Fast Transient Response Linear Regulator
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com