Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIOISO Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # USB2GPIOISO
Description  Low Propagation Delay 10ns, Typical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIOISO Datasheet(HTML) 2 Page - Maxim Integrated Products

  USB2GPIOISO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: USB2GPIOISO
USB2GPIOISO# Adapter Board
Detailed Description of Hardware
Figure 2 shows the USB2GPIOISO# connector block
diagram (taken from the schematic). Note that the
‘arrow’ on each connector indicates the flow of data.
For example, pin 1 on XMA shows that the signal
(CS_AM) comes from the master, passes through the
male connector, and onto USB2GPIOISO# board to the
isolator channel for CS. Then, on the slave side of the
isolator, this signal routes to pin 1 on XSA connector (CS_
AS) and the ‘arrow’ shows the direction is from the isolator,
through the female connector and to the slave board.
The two power domains are on the ‘master’ side (VDD_M
and GNDM), and the ‘slave’ side (VDD_S and GNDS).
The two independent power supplies are provided from
the master board and the slave board with each VDD_
between 1.71V and 5.5V. The two connectors on the
‘master’ side are male connectors and plug into the
female connectors on the USB2GPIO# adapter, as shown
in Figure 3.
MAX14483 has unidirectional data channels and
USB2GPIOISO# is configured in a 14/10 mode rather
than a bidirectional I/O mode, meaning there are 14 channels
communicating from the master to the slave, and 10
channels communicating from the slave to the master.
Refer to the USB2GPIOISO# Adapter Board Schematic
for each channel’s communication direction. The digi-
tal channels on the slave Pmods or EV kits should
follow the same communication directions as on the
USB2GPIOISO# board. The Munich GUI and the EV kit
GUI automatically configure the channel directions based
on this and no jumpers are required for configuration.
Figure 2. USB2GPIOISO# Subsystem Block Diagram
Figure 3. USB2GPIOISO# Board Connected with USB2GPIO# Adapter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com