Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIOISO Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USB2GPIOISO
Description  Low Propagation Delay 10ns, Typical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIOISO Datasheet(HTML) 1 Page - Maxim Integrated Products

  USB2GPIOISO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: USB2GPIOISO
USB2GPIOISO# Adapter Board
General Description
The USB2GPIOISO# adapter board, shown in Figure 1,
is designed to work with Maxim’s USB2GPIO# adapter
board to provide galvanic isolation between the ‘master’
USB adapter board and a ‘slave’ EV kit or Pmod™ board.
Four MAX14483 6-channel digital isolators are used to
provide 3.75kVRMS isolation.
USB2GPIOISO# block diagram is shown in Figure 2. The
two power domains are on the ‘master’ side (VDD_M and
GNDM), and the ‘slave’ side (VDD_S and GNDS). The two
independent power supplies are provided from the master
board and the slave board with each VDD_ between
1.71V and 5.5V. The two connectors on the ‘master’ side
are male connectors and plug into the female connectors
on the USB2GPIO# adapter, as shown in Figure 3.
USB2GPIOISO# is also designed to work with legacy
USB2PMB1# and USM2PMB2# adapters; connectors
XMA and XSA are 12-pin connectors which support either
SPI with 4 GPIO pins and are fully compatible with
previous adapters and low-pin count EV kit or Pmod
boards. These connectors are controlled from the Munich
GUI or relevant EV kit GUIs. Note that the isolator ICs
have unidirectional channels (in or out). Full bidirectional
I2C communication is not supported by this board.
The other connectors, XMB and XSB, are 20-pin connectors
supporting extra GPIO connections. These 20-pin
connectors are NOT controlled by the Munich GUI but are
for use with future EV kits and will be controlled by the
relevant EV kit GUIs.
USB2GPIOISO# adapter board can be used to enable
isolated USB-to-SPI/GPIO interface for any Pmod-
compatible plug-in peripheral modules such as the Maxim
MAX14001PMB, and MAXREFDES12-Corona reference
design.
Features
● 24 Isolated Channels with 3.75kVRMS Robust
Galvanic Isolation
● Low Propagation Delay 10ns, Typical
● Flexible System Design with Wide 1.71V to 5.5V
Voltage Range on Each Side
● Small PCB area
● Pmod-Compatible Form Factor
319-100179; Rev 0; 4/18
Ordering Information appears at end of data sheet.
Pmod™ is a trademark of Digilent, Inc.
Figure 1. USB2GPIOISO# Board


Similar Part No. - USB2GPIOISO

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USB2GPIO MAXIM-USB2GPIO Datasheet
1Mb / 11P
Pmod-Compatible Form Factor
Rev 0; 1/18
More results

Similar Description - USB2GPIOISO

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
74HC123A ROCHESTER-74HC123A Datasheet
443Kb / 4P
Dual Retriggerable Monostable Multivibrator Typical propagation delay: 25 ns
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
Typical propagation delay: 18 ns
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
40 ns Propagation Delay, CMOS Optocoupler
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
Propagation delay
logo
AVAGO TECHNOLOGIES LIMI...
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
500 ns maximum propagation delay
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Maxim Integrated Produc...
MAX40026EVKIT MAXIM-MAX40026EVKIT Datasheet
591Kb / 8P
Fast Propagation Delay: 280ps typ
319-100332; Rev 0; 3/19
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com