Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIOISO Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # USB2GPIOISO
Description  Low Propagation Delay 10ns, Typical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIOISO Datasheet(HTML) 5 Page - Maxim Integrated Products

  USB2GPIOISO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: USB2GPIOISO
USB2GPIOISO# Adapter Board
USB2GPIOISO# Adapter Board Schematic
0.1UF
MAX14483AAP+
GNDM
GNDM
GNDM
68021-212HLF
MAX14483AAP+
10UF
GNDM
GNDM
SMLP12BC7T
GNDM
VDD_M
470
VDD_M
68021-220HLF
VDD_M
GNDM
10UF
0.1UF
10K
MAX14483AAP+
0.1UF
10UF
GNDM
0.1UF
0.1UF
PPTC102LJBN-RC
GNDM
VDD_S
VDD_S
GNDS
VDD_S
10K
VDD_M
GNDS
VDD_S
GNDS
GNDS
10UF
GNDS
0.1UF
VDD_S
GNDM
10K
GNDM
10UF
10UF
VDD_S
VDD_S
10UF
GNDS
0.1UF
VDD_M
10K
MAX14483AAP+
VDD_M
10UF
VDD_S
0.1UF
GNDS
GNDS
GNDS
VDD_M
VDD_M
VDD_M
PPPC062LJBN-RC
GNDS
GNDS
TP
TP
VDD_S
VDD_S
SMLP12BC7T
GNDS
470
U4
U3
C6
C5
VDD_LOGIC
C1
C2
C3
U2
U1
R1
C4
C9
C10
XSB
XSA
C12
C11
C14
C13
C15
C16
R4
C8
C7
R2
R3
VDD_S
XMB
XMA
GND
VDD_FIELD
RP2
RP1
LED3A
BCBUS7_OM
ADBUS7_IM
BDBUS6_IM
ADBUS5_IM
BCBUS4_OS
BCBUS5_OS
BDBUS5_IS
BDBUS4_IS
BCBUS6_OM
ADBUS6_OM
ADBUS5_IM
ADBUS7_IM
ADBUS4_OM
BDBUS7_OM
BCBUS1_OM
MOSI_BM
MISO_BM
BCBUS0_IM
BCBUS5_OM
BCBUS4_OM
BCBUS3_IM
BCBUS2_IM
BCBUS7_OM
ADBUS4_OM
BCBUS2_IM
BCBUS6_OM
SCLK_BS
MOSI_BS
BCBUS1_OS
MISO_BS
SCLK_BM
CS_BM
MISO_AM
ADBUS6_OM
BCBUS3_IS
BCBUS7_OS
SCLK_AM
MISO_AM
MOSI_AM
CS_AM
BDBUS6_IM
BDBUS7_OM
SCLK_BM
BDBUS4_IM
MOSI_BM
MISO_BM
CS_BM
BCBUS3_IS
BCBUS0_IS
SCLK_BS
BCBUS1_OS
BCBUS2_IS
BDBUS7_OS
BDBUS6_IS
BDBUS5_IS
BDBUS4_IS
MOSI_BS
MISO_BS
CS_BS
BCBUS4_OS
BCBUS6_OS
BCBUS7_OS
BDBUS6_IS
MISO_AS
SCLK_AS
BDBUS7_OS
CS_AS
BDBUS4_IM
SCLK_AM
CS_AM
MISO_AS
ADBUS6_OS
SCLK_AS
MOSI_AS
ADBUS5_IS
BDBUS5_IM
MOSI_AM
BCBUS0_IS
ADBUS4_OS
BCBUS0_IM
BCBUS1_OM
BCBUS3_IM
BCBUS4_OM
BCBUS5_OM
ADBUS5_IS
MOSI_AS
BCBUS6_OS
ADBUS7_IS
CS_BS
BCBUS5_OS
ADBUS7_IS
ADBUS6_OS
ADBUS4_OS
CS_AS
BCBUS2_IS
BDBUS5_IM
19
18
7
6
15
14
13
10
7
8
15
4
12
15
12
10
20
1
9
19
17
6
7
5
16
11
18
8
2
3
14
2
7
6
13
3
2
18
12
10
11
16
4
5
6
17
19
9
1
20
13
3
2
8
18
12
10
11
16
14
15
4
5
7
17
19
9
1
20
13
3
2
8
12
10
11
16
14
15
4
5
17
9
1
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
1
3
4
5
6
8
9
11
13
14
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
VDDB
SAA
OFAULT
OSDO
IAUX
ISDI
ISCLK
ICS
SDOEN
GNDB
GNDA
SBA
OCS
OSCLK
OSDI
OAUX
ISDO
IFAULT
IRDY
VDDA
VDDB
SAA
OFAULT
OSDO
IAUX
ISDI
ISCLK
ICS
SDOEN
GNDB
GNDA
SBA
OCS
OSCLK
OSDI
OAUX
ISDO
IFAULT
IRDY
VDDA
VDDB
SAA
OFAULT
OSDO
IAUX
ISDI
ISCLK
ICS
SDOEN
GNDB
GNDA
SBA
OCS
OSCLK
OSDI
OAUX
ISDO
IFAULT
IRDY
VDDA
12
11
10
9
8
7
6
5
4
3
2
1
12
11
10
9
8
7
6
5
4
3
2
1
VDDB
SAA
OFAULT
OSDO
IAUX
ISDI
ISCLK
ICS
SDOEN
GNDB
GNDA
SBA
OCS
OSCLK
OSDI
OAUX
ISDO
IFAULT
IRDY
VDDA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com