Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2GPIOISO Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # USB2GPIOISO
Description  Low Propagation Delay 10ns, Typical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIOISO Datasheet(HTML) 3 Page - Maxim Integrated Products

  USB2GPIOISO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIOISO Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: USB2GPIOISO
USB2GPIOISO# Adapter Board
Master and Slave Connectors
The USB2GPIOISO# is designed to receive power
(VDD_M, GNDM and VDD_S, GNDS) from external
boards through the connectors XMA, XMB, XSA and XSB.
VDD_S is defined by the type of board connected to the
slave connectors. When the user selects certain tab in the
Munich GUI, VDD_M is automatically set to certain level,
either 1.8V, 2.5V, 3.3V, or 5.0V. Note that USB2GPIOISO#
does NOT provide power using VDD_S to the Pmod or EV
kit board, but instead expects to receive power from those
boards. Test points VDD_S and GND are provided to allow
powering the USB2GPIOISO# slave side and Pmod or EV
kit boards with external power supply.
Figure 4 shows the top view of the USB2GPIOISO# board,
with the different connectors and the pin 1 identifiers. Note
there are no jumpers or shunts on this board, all configuration
is done under software control. Care should be taken to
only insert the boards in the correct way as the connectors
are not keyed to avoid false insertions. Reversing the
connections (by turning the Pmod board upside down for
example) may result in damage to the USB2GPIOISO#
Pmod or EV kit board. Two LEDs are included to indicate if
VDD_M and VDD_S are powered.
#Denotes RoHS compliant
Figure 4. USB2GPIOISO# Orientation and Pinouts
Ordering Information
PART
TYPE
USB2GPIOISO#
Adapter Board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com