Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8316 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8316
Description  LOW SKEW, 1-TO-16, LVCMOS / LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8316 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8316 Datasheet HTML 1Page - Integrated Circuit Systems ICS8316 Datasheet HTML 2Page - Integrated Circuit Systems ICS8316 Datasheet HTML 3Page - Integrated Circuit Systems ICS8316 Datasheet HTML 4Page - Integrated Circuit Systems ICS8316 Datasheet HTML 5Page - Integrated Circuit Systems ICS8316 Datasheet HTML 6Page - Integrated Circuit Systems ICS8316 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
8316AK
http://www.icst.com/products/hiperclocks.html
REV. A DECEMBER 22, 2005
2
Integrated
Circuit
Systems, Inc.
ICS8316
LOW SKEW, 1-TO-16, LVCMOS / LVTTL
FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. OUTPUT ENABLE AND CLOCK ENABLE FUNCTION TABLE
TABLE 3B. CLOCK INPUT FUNCTION TABLE
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
5
2
,
4
2
,
6
1
,
1V
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
5
,
4
,
3
,
23
A
Q
,
2
A
Q
,
1
A
Q
,
0
A
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
,
7
1
,
1
1
,
6
2
3
,
0
3
,
9
1
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
7A
E
Ot
u
p
n
Ip
u
ll
u
P
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
o
A
k
n
a
B
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
3
A
Q
:
0
A
Q
f
o
8K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
C
9V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
0
1B
E
Ot
u
p
n
Ip
u
ll
u
P
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
o
B
k
n
a
B
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
3
B
Q
:
0
B
Q
f
o
5
1
,
4
1
,
3
1
,
2
10
B
Q
,
1
B
Q
,
2
B
Q
,
3
B
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
8
1C
E
Ot
u
p
n
Ip
u
ll
u
P
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
o
C
k
n
a
B
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
3
C
Q
:
0
C
Q
f
o
3
2
,
2
2
,
1
2
,
0
20
C
Q
,
1
C
Q
,
2
C
Q
,
3
C
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
C
k
n
a
B
9
2
,
8
2
,
7
2
,
6
23
D
Q
,
2
D
Q
,
1
D
Q
,
0
D
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
D
k
n
a
B
1
3D
E
Ot
u
p
n
Ip
u
ll
u
P
g
n
il
b
a
s
i
d
d
n
a
g
n
il
b
a
n
e
s
l
o
r
t
n
o
C
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
o
D
k
n
a
B
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
3
D
Q
:
0
D
Q
f
o
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
s
t
u
p
n
Is
t
u
p
t
u
O
]
D
:
A
[
E
OK
L
C3
x
Q
:
0
x
Q
10
W
O
L
11
H
G
I
H
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
O
D
D
V
6
2
.
1
=D
B
TF
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
OV
O
D
D
%
5
±
2
.
1
=5
1
Ω
s
t
u
p
n
I
l
o
r
t
n
o
Cs
t
u
p
t
u
O
]
D
:
A
[
E
O3
x
Q
:
0
x
Q
0Z
-
i
H
1e
v
i
t
c
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com