Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8316 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8316
Description  LOW SKEW, 1-TO-16, LVCMOS / LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8316 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8316 Datasheet HTML 1Page - Integrated Circuit Systems ICS8316 Datasheet HTML 2Page - Integrated Circuit Systems ICS8316 Datasheet HTML 3Page - Integrated Circuit Systems ICS8316 Datasheet HTML 4Page - Integrated Circuit Systems ICS8316 Datasheet HTML 5Page - Integrated Circuit Systems ICS8316 Datasheet HTML 6Page - Integrated Circuit Systems ICS8316 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
8316AK
http://www.icst.com/products/hiperclocks.html
REV. A DECEMBER 22, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8316
LOW SKEW, 1-TO-16, LVCMOS / LVTTL
FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PRELIMINARY
GENERAL DESCRIPTION
The ICS8316 is a low skew, 1-to-16 LVCMOS/
LVTTL Fanout Buffer with 1.2V LVCMOS Outputs
and a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS. The
ICS8316 single ended clock input accepts
LVCMOS or LVTTL input levels. The low impedance LVCMOS
outputs are designed to drive 50
Ω series or parallel termi-
nated transmission lines.
Guaranteed output and part-to-part skew characteristics
along with the 1.2V output makes the ICS8316 ideal for high
performance, single ended applications that also require a
limited output voltage.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• Sixteen 1.2V LVCMOS / LVTTL outputs
• LVCMOS / LVTTL clock input
• Maximum output frequency: 150MHz
• Output skew: TBD
• Propagation delay: 3.5ns (typical)
• 3.3V core/1.2V output operating supply mode
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
QC0
QC1
QC2
QC3
GND
OEC
GND
VDDO
QA0
QA1
QA2
QA3
GND
OEA
CLK
ICS8316
32-Lead VFQFN
5mm x 5mm x 0.95 package body
K Package
Top View
QA0:QA3
CLK
OEA
OEB
OEC
OED
4
4
4
4
QB0:QB3
QC0:QC3
QD0:QD3
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on
initial product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications
without notice.


Similar Part No. - ICS8316

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
ICS8316AKLF IDT-ICS8316AKLF Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
ICS8316AKLFT IDT-ICS8316AKLFT Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
More results

Similar Description - ICS8316

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
logo
Integrated Device Techn...
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
ICS8316 IDT-ICS8316 Datasheet
232Kb / 10P
LVCMOS/LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com