Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8316 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8316
Description  LOW SKEW, 1-TO-16, LVCMOS / LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8316 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8316 Datasheet HTML 1Page - Integrated Circuit Systems ICS8316 Datasheet HTML 2Page - Integrated Circuit Systems ICS8316 Datasheet HTML 3Page - Integrated Circuit Systems ICS8316 Datasheet HTML 4Page - Integrated Circuit Systems ICS8316 Datasheet HTML 5Page - Integrated Circuit Systems ICS8316 Datasheet HTML 6Page - Integrated Circuit Systems ICS8316 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
8316AK
http://www.icst.com/products/hiperclocks.html
REV. A DECEMBER 22, 2005
5
Integrated
Circuit
Systems, Inc.
ICS8316
LOW SKEW, 1-TO-16, LVCMOS / LVTTL
FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8316 is: 416
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 32 LEAD VFQFN
θθθθθ
JA vs. 0 Air Flow (Linear Feet per Minute)
0
Multi-Layer PCB, JEDEC Standard Test Boards
34.8°C/W
APPLICATION INFORMATION
INPUTS:
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We
recommend that there is no trace attached.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com