Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8316 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8316
Description  LOW SKEW, 1-TO-16, LVCMOS / LVTTL FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8316 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8316 Datasheet HTML 1Page - Integrated Circuit Systems ICS8316 Datasheet HTML 2Page - Integrated Circuit Systems ICS8316 Datasheet HTML 3Page - Integrated Circuit Systems ICS8316 Datasheet HTML 4Page - Integrated Circuit Systems ICS8316 Datasheet HTML 5Page - Integrated Circuit Systems ICS8316 Datasheet HTML 6Page - Integrated Circuit Systems ICS8316 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
8316AK
http://www.icst.com/products/hiperclocks.html
REV. A DECEMBER 22, 2005
4
Integrated
Circuit
Systems, Inc.
ICS8316
LOW SKEW, 1-TO-16, LVCMOS / LVTTL
FANOUT BUFFER W/1.2V LVCMOS OUTPUTS
PRELIMINARY
Clock
Outputs
20%
80%
80%
20%
tR
t F
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
t
PD
V
DD
2
V
DDO
2
CLK
QA0:QA3,
QB0:QB3,
QC0:QC3,
QD0:QD3
OUTPUT RISE/FALL TIME
QA0:QA3,
QB0:QB3,
QC0:QC3,
QD0:QD3
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
2.7V±5%
V
DDO
-0.6V±5%
V
DD
0.6V±5%
PART-TO-PART SKEW
GND
OUTPUT DUTY CYCLE/PLUSE WIDTH/PERIOD
PROPAGATION DELAY
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
Part 1
Part 2
BANK SKEW (where x denotes outputs in the same bank)
tsk(b)
V
DDO
2
V
DDO
2
Qx0:Qx3
Qx0:Qx3
OUTPUT SKEW
3.3V CORE/1.2V OUTPUT LOAD AC TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com