Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB1 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # USB2PMB1
Description  Small PCB Area
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB1 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button USB2PMB1 Datasheet HTML 2Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 3Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 4Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 5Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 6Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 9Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Maxim Integrated │ 6
www.maximintegrated.com
USB2PMB1# Adapter Board
Evaluates: Munich (USB2PMB1#)
5)
Real Time Scope: The scope on the bottom left side
of the GUI represents the measured data with number
of samples in X-axis and Y-axis is selected from the
available plot configurations options. Figure 9 depicts
the options that determine the Y-axis in the scope.
a)
Scope Options: On the top right corner of the
scope, plot settings options are available for the
user to play/pause, zoom in/out, pan, print, save,
and waveform settings.
b)
Plot Configuration Options (Figure 9a):
i)
ADC Count: This option plots the ADC count
itself on the Y-axis with the number of samples
on the X-axis.
ii)
Voltage: This option plots the converted volt-
age value.
iii)
Current: Plots the current measured across
the 200Ω shunt resistor present in Campbell.
iv)
4-20ma to Temp: Plots the temperature mea-
sured from IFM TA3231 Temp-Sensor. This
sensor sinks/ sources current proportional to
the temperature measured. The shunt current
and the temperature measured would be indi-
cated the bottom of the GUI too.
v)
FFT: This option plots the FFT measurement on
the Y-axis vs. frequency on the X-axis.
vi)
Histogram: This option allows user to view the
resultant output in Histogram (Figure 10). The
X-axis is ADC code and the Y-axis is the number
occurrence.
c)
History: This option allows the user to view the
history data by choosing the history length for view-
ing the data.
d)
Average: Drop-down box menu to choose to aver-
age of the discrete values sampled. For instance,
if
16 is selected, it takes the first 16 samples of the
sample-shot the user takes, then averages them
and shows the number in the text box below. If his-
tory is selected as well, it adds this number as a
datapoint to the history. If
all is selected, it uses all
the samples taken, as selected in
Sample Count to
build the average.
Figure 9. Real Time Scope GUI
Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com