Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB1 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # USB2PMB1
Description  Small PCB Area
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB1 Datasheet(HTML) 3 Page - Maxim Integrated Products

  USB2PMB1 Datasheet HTML 1Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 2Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 3Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 4Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 5Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 6Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
USB2PMB1# Adapter Board
Evaluates: Munich (USB2PMB1#)
Procedure
1) Go
to
www.maximintegrated.com/evkitsoft-
ware to download the most recent version of the
Munich board software,
MUNICH GUI. Save the
software to a temporary folder and decompress the
Munich_GUISetupV2.03.zip file.
2) Connect the USB cable between the Munich board
and the PC; the USB driver is installed automatically.
3) Ensure that the companion SPI interface device’s
jumper settings are correct. Refer to your companion
device’s documentation.
4) Connect the Munich board’s 2x6-pin right-angle con-
nector to the companion device’s 2x6-pin right-angle
header.
Detailed Description of Software
Graphical User Interface (GUI)
1) Once the Munich board is connected with the compan-
ion device, open the
MUNICH GUI.exe (double-click)
software.
2) Start the Munich board software and select the tab
sheet that corresponds to the companion device as
shown in Figure 5, the Munich GUI.
3) Press the
Scan Devices pushbutton to scan the
available Munich boards connected to the computer.
This allows the user to test multiple companion driver
boards at the same time. Each Munich board has a
unique ID that the software determines.
Figure 5. Munich GUI
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com