Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB1 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # USB2PMB1
Description  Small PCB Area
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB1 Datasheet(HTML) 2 Page - Maxim Integrated Products

  USB2PMB1 Datasheet HTML 1Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 2Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 3Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 4Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 5Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 6Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
USB2PMB1# Adapter Board
Evaluates: Munich (USB2PMB1#)
Detailed Description of Hardware
This Munich board uses the FT2232HL (IC1), a USB
2.0 high-speed (480Mbps)-to-UART/FIFO IC, to process
commands sent by a program running on the PC. Each
particular EV kit has its own custom software specific
to that kit. The operation of this board is USB-to-dual-
channel SPI engine.
The VCCIO (3.3V) voltage supply is generated by the
27µA low quiescent current, 1.2A efficient PWM step-
down DC-DC converter, MAX1556ETB (IC2). The 5V sup-
ply voltage input for this IC is provided by the Mini-USB
supply terminal available from the laptop. The VCCIO pin
provides power to the FDTI chip’s VREGIN pin and its
internal oscillator though an LC filter, 4K MICROWIRE
EEPROM (93LC66BT) (IC3). The USB-to-SPI engine
is powered by 3.3V (VCCIO) at the VREGIN pin and the
core voltage of 1.8V for the IC is generated at VREGOUT.
This VCORE is used within the FTDI IC itself for its inter-
nal logic processes. There is an external 12MHz crystal
across OSCI and OSCO pins of IC1.
Pmod Supply Voltage
The Munich is also designed to supply power to exter-
nal boards (Santa Fe, Campbell, Fresno, and Corona)
through the connector X2. It is intended to provide power
supply to the interface circuitry present in the connected
driver boards.
Pmod SPI Connector Output Pin and
Connector Input in Santa Fe, Campbell,
Fresno, Corona Driver Boards
Figure 3 shows the pin configuration for the SPI-
compatible connector at the USB2PMB1# board.
Figure 4 depicts the pin configuration of connector found
in Santa Fe, Campbell, Fresno, and Corona. The connec-
tor type is female on the USB2PMB1# board and male
type on the drivers.
Quick Start
Required Equipment
● PC with Windows OS (Windows XP, Windows Vista,
Windows 7, or Windows8) with two USB ports
● Munich (USB2PMB1#) Board
● A-to-Mini-B USB cable
● USB2PMB1# custom software
● Any SPI interface device for communication like
Santa Fe (MAXREFDES5#) board
Figure 2. Munich Subsystem Block Diagram
Figure 3. X2: Pmod SPI Connector Pin Configuration
Figure 4. SPI Connector Inputs Found in Santa Fe, Campbell,
Fresno, and Corona
Figure 2
USB
Pmod™
FTD12232H
REGULATED POWER
MAX1556 3.3V
Figure 3
2
3.3V
3.3V
GND
GND
SPIA_SCLK
SPIB_SCLK
SPIA_MISO
SPIB_MISO
SPIA_MOSI
SPIB_MOSI
SPIA_CS
SPIB_CS
SPI COMPATIBLE CONNECTOR : X2
X2
1
3
4
5
6
7
8
9
10
11
12
Figure 4
7
CS
MOSI
MISO
SSTRB
SCLK
GND
GND
3.3V
3.3V
SPI
J1
1
8
2
9
3
10
4
11
5
12
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com