Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB1 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # USB2PMB1
Description  Small PCB Area
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB1 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button USB2PMB1 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 9Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 10Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 11Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 12Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 13Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 14Page - Maxim Integrated Products USB2PMB1 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Maxim Integrated │ 12
www.maximintegrated.com
USB2PMB1# Adapter Board
Evaluates: Munich (USB2PMB1#)
Fresno GUI Tab
This environment consists of the internal block diagram of
the Fresno board and the following operations to perform
(Figure 14):
● Sample Once/Sample Continuously
● Average
● Sample Rate and Sample Count
● View Plots
● Calibrate
● Plot Configuration Options
1) Sampling
a)
Sample Once: This pushbutton tab allows dis-
crete sampling.
b)
Sample Continuously: This feature allows
continuous sampling. Once the
Sample
Continuously button is clicked the button
changes its text to
Stop Sampling and the
user would not be able to disconnect the board
from the software until the user clicks the
Stop
Sampling button.
c)
Sample Rate: This drop-down box option
allows the user to choose the sample rate or
the number of samples per second.
d)
Sample Count: This drop-down box option
allows the user to choose the number of sam-
ples to be sampled.
e)
Average: Drop-down box menu to choose to
average of the discrete values sampled. For
instance, if
16 is selected, it takes the first 16
samples of the sample-shot the user takes,
then averages them and shows the number
in the text box below. If history is selected as
well, it adds this number as a datapoint to the
history. If
all is selected, it uses all the samples
taken, as selected in
No. of Samples, to build
the average.
2)
Real Time Scope: The scope present on the left
side of the GUI represents the measured data with
number of samples in X-axis and Y-axis is selected
from the available plot view options from the bot-
tom of the GUI environment.
Figure 14. Munich/Fresno GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com