Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601G-21 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS601G-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601G-21 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS601G-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 601-21 H
2
Revision 040204
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.co m
ICS601-21
Pin Assignment
Multiplier Select Table
0 = connect directly to ground
1 = connect directly to VDD
Pin Descriptions
1
2
3
GN D
4
VD D
5
6
GND
7
8
CLK
nC LK
S1
GN D
X2
VD D
S2
VD D
16
X1
VD D
GN D
S0
VD D
15
14
13
12
11
10
9
16 Pin (173 m il) TSSOP
S2
S1
S0
Multiplier
00
0
x1
00
1
x2
01
0
x3
01
1
x4
10
0
x5
10
1
x6
11
0
x8
11
1
x16
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
XI
Crystal or clock input. Connect to a 10-27 MHz fundamental parallel mode
crystal or clock input.
2 - 4
VDD
Power
Connect to +3.3 V.
5
GND
Power
Connect to ground.
6
VDD
Power
Connect to +3.3 V.
7 - 8
GND
Power
Connect to ground.
9
S2
Input
Select pin 2. Internal pull-up resistor.
10
S1
Input
Select pin 1. Internal pull-up resistor.
11
S0
Input
Select pin 0. Internal pull-up resistor.
12
VDD
Power
Connect to +3.3 V.
13
nCLK
Output
Inverted differential clock output.
14
CLK
Output
Differential clock output.
15
GND
Power
Connect to ground.
16
X2
XO
Crystal connection. Connect to 10-27MHz fundamental parallel mode crystal
or leave unconnected for clock input.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com