Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601G-21 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS601G-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601G-21 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS601G-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS601-21
MDS 601-21 H
1
Revision 040204
Integr ated Circuit Sy stems l 5 25 Race Street, San Jose, CA 9 512 6 l tel (40 8 ) 2 97-12 01 l
www.icst.com
LOW PHASE NOISE CLOCK MULTIPLIER
Description
The ICS601-21 is a low-cost, low phase noise, high
performance clock synthesizer for applications which
require low phase noise and low jitter. It is ICS’ lowest
phase noise multiplier. Using ICS’ patented analog and
digital Phase Locked Loop (PLL) techniques, the chip
accepts a 10 - 27 MHz crystal or clock input, and
produces output clocks up to 220 MHz at 3.3 V.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
Features
• Fully integrated PLL, no external loop filter required
• Differential 3.3 V LVPECL outputs
• Uses fundamental 10 - 27 MHz crystal or clock
• Output clocks up to 220 MHz at 3.3 V
• Low phase noise: -122 dBc/Hz at 10 kHz
• Low jitter - 15 ps one sigma typ.
• Powerdown mode lowers power consumption
• Packaged in 16-pin TSSOP
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Commercial temperature range available
Block Diagram
CLK
ROM Based
Multipliers
VCO
Divide
X1/ICLK
X2
Crystal or
clock input
Crystal
Oscillator
Reference
Divider
Phase
Comparator
VDD
Charge
Pump
Loop
Filter
VCO
S2:0
nCLK
4
GND


Similar Part No. - ICS601G-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601G-01 ICST-ICS601G-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS601G-01 ICST-ICS601G-01 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601G-01I ICST-ICS601G-01I Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601G-01ILF ICST-ICS601G-01ILF Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601G-01ILFT ICST-ICS601G-01ILFT Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
More results

Similar Description - ICS601G-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS613 ICST-ICS613 Datasheet
136Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 IDT-ICS601-02 Datasheet
196Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Renesas Technology Corp
ICS601-01 RENESAS-ICS601-01 Datasheet
415Kb / 10P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-02 RENESAS-ICS601-02 Datasheet
355Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
051310
ICS601-21 RENESAS-ICS601-21 Datasheet
273Kb / 9P
LOW PHASE NOISE CLOCK MULTIPLIER
121412
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com