Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601G-21 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS601G-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601G-21 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS601G-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 601-21 H
4
Revision 040204
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.co m
ICS601-21
DC Electrical Characteristics (continued)
Note 1: Outputs terminated with 50
Ω to VDD-2V
AC Electrical Characteristics
VDD = 3.3 V ±10%, Ambient Temperature 0 to +70
° C
Note 2: Input frequency limited by maximum output frequency and multiplication factor (I.e. For 16x,
maximum input frequency is 13.75 MHz).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input High Voltage
VIH
Input select pins
2
VDD
V
Input Low Voltage
VIL
Input select pins
0.8
V
Output High Voltage
VOH
Note 1
VDD-1.4
VDD-1.0
V
Output Low Voltage
VOL
Note 1
VDD-2.0
VDD-1.7
V
Output Voltage Swing
Vswing
Peak to Peak
0.6
0.95
V
Operating Supply Current
IDD
Note 1, 125 MHz
30
45
mA
Input Capacitance
CIN
Input select pins
5
pF
On Chip Pull-up Resistor
RPU
Input select pins
510
k
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Crystal Input Frequency
Fin
Note 2
10
27
MHz
Output Frequency
10
220
MHz
Output Rise Time
tOR
20% to 80%, no load
600
900
ps
Output Fall Time
tOF
80% to 20%, no load
900
1200
ps
Output Clock Duty Cycle
at VDD/2
45
50
55
%
Maximum Absolute Jitter, short
term, 125 MHz
No load
±50
±75
ps
Maximum Jitter, one sigma,
125 MHz (x5)
No load
12
20
ps
Phase Noise, relative to carrier,
125 MHz (x5)
100 Hz offset
-90
-94
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
1 kHz
-116
-120
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
10 kHz offset
-118
-122
dBc/Hz
Phase Noise, relative to carrier,
125 MHz (x5)
100 kHz offset
-115
-119
dBc/Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com