Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS601G-21 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS601G-21
Description  LOW PHASE NOISE CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS601G-21 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS601G-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS601G-21 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOW PHASE NOISE CLOCK MULTIPLIER
MDS 601-21 H
3
Revision 040204
Integr ated Circuit System s l 525 Ra ce Stree t , Sa n Jose, CA 951 26 l te l (4 08) 297 -1 201 l
www.ics t.co m
ICS601-21
External Components
The ICS601-21 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01
µF and 0.1 µF should be connected between VDD and GND, as close to the part as
possible. A 50
Ω terminating resistor should be used on each clock output. (See termination diagram on
page 5). The crystal must be connected as close to the chip as possible. The crystal should be
fundamental mode, parallel resonant. Do not use third overtone. For exact tuning when using a crystal,
capacitors should be connected from pins X1 to ground and X2 to ground. In general, the value of these
capacitors is given by the following equation, where CL is the crystal load capacitance: Crystal caps (pF) =
(CL-5) x 2. So for a crystal with 16 pF load capacitance, two 22 pF caps can be used. For any given board
layout, ICS can measure the board capacitance and recommend the exact capacitance value to use.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS601-21. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature 0 to +70
°C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial version
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.6
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.6
V
Input High Voltage
VIH
X1/ICLK pin only
VDD/2+1
V
Input Low Voltage
VIL
X1/ICLK pin only
VDD/2-1
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com