Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40W1F-DS2-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # WL40W1F-DS2-R
Description  Wireless I/O WL40F Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40W1F-DS2-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  WL40W1F-DS2-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 6Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: WL40W1F-DS2
WL40W1F SPECIFICATIONS
ES-9084 Rev.0 Page 3/7
http://www.m-system.co.jp/
CONFIGURATOR SOFTWARE SETTING
With configurator software, settings shown below are available.
Refer to the users manual of W920FCFG for detailed operation.
■ WIRELESS SETTING
ITEM
SETTING RANGE
DEFAULT
Preferred PAN ID (group number)
0000 – FFFE (hexadecimal, 4 digits)
0000
Radio channel number
1 – 43 (selectable up to 10 channels)
None
Short address
0000 – FFFD (hexadecimal, 4 digits)
0000
Network name
English one-byte characters within 16 characters
(one-byte space, “-”, “_”, “.”, “@” are usable.)
Blank
Encryption key
0000...0 – FFFF...F
(hexadecimal, 32 digits)
0000...0
Transmitter power output
0.16mW / 1mW / 20mW
20mW
Low-speed moving mode
No / Yes
No
Device type in a network,
Number of devices in a network
Child ( xed), 1 to 30 devices /
Child ( xed), 31 to 60 devices /
Child ( xed), 61 to 100 devices /
Child ( xed) + child (moving)
Child ( xed), 1 to 30
devices
Set network quality
Standard (recommended) /
Frequency of route switching and delay (higher) /
Frequency of route switching and delay (highest)
Standard (recommended)
Network join mode
V3-compatible mode / Fast join mode
V3-compatible mode
Fixed route
No / Yes
No
Destination short address
0000 – FFFD (hexadecimal, 4 digits)
0000
Temporary detour
No / Yes
Yes
Packet ltering
None / Yes (polling type)
Yes (polling type)
Filter timeout on polling
1.0 – 60.0 (sec.)
1.0 (sec.)
920Run timeout
1.0 – 60.0 (sec.)
3.0 (sec.)
Modbus node address
1 – 247
1
Retry times before route switching
Once / Twice / Three times
Three times
* For version confi rmation of communication module, refer to the users manual of W920FCFG.
■ INPUT SETTING
CHANNEL
ITEM
SETTING RANGE
DEFAULT
Analog input 1
Input enabled / disabled
Enabled / Disabled
Enabled
Zero input value
4.000 – 20.000
4.000 (mA)
Full input value
4.000 – 20.000
(full input value > zero input value)
20.000 (mA)
Fine zero adjustment
-5.00 – +5.00 (%)
0.00 (%)
Fine gain adjustment
0.9500 – 1.0500
1.0000
Zero scaling value
-32000 – +32000
0
Full scaling value
-32000 – +32000
10000
First-order lter time constant
0.0 – 60.0 (sec.)
0.0 (sec.)
Analog input 2
Input enabled / disabled
Enabled / Disabled
Enabled
Zero input value
4.000 – 20.000
4.000 (mA)
Full input value
4.000 – 20.000
(full input value > zero input value)
20.000 (mA)
Fine zero adjustment
-5.00 – +5.00 (%)
0.00 (%)
Fine gain adjustment
0.9500 – 1.0500
1.0000
Zero scaling value
-32000 – +32000
0
Full scaling value
-32000 – +32000
10000
First-order lter time constant
0.0 – 60.0 (sec.)
0.0 (sec.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com