Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40W1F-DS2-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # WL40W1F-DS2-R
Description  Wireless I/O WL40F Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40W1F-DS2-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  WL40W1F-DS2-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 6Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: WL40W1F-DS2
WL40W1F SPECIFICATIONS
ES-9084 Rev.0 Page 5/7
http://www.m-system.co.jp/
MODBUS FUNCTION CODES & SUPPORTED CODES
Modbus function codes are shown below.
■ DATA AND CONTROL FUNCTION
CODE
NAME
01
Read Coil Status
Digital output from the slave (read / write)
02
Read Input Status
Status of digital inputs to the slave
(read only)
03
Read Holding Registers
General purpose register within the slave
(read / write)
04
Read Input Registers
Collected data from the
eld by the slave
(read only)
05
Force Single Coil
Digital output from the slave
(read / write)
06
Preset Single Registers
General purpose register within the slave
(read / write)
15
Force Multiple Coils
Digital output from the slave
(read / write)
16
Preset Multiple Registers
General purpose register within the slave
(read / write)
■ EXCEPTION CODE
CODE
NAME
01
Illegal Function
Function code is not allowable for the slave
02
Illegal Data Address
Address is not available within the slave
03
Illegal Data Value
Data is not valid for the function
04
Slave Device Failure
05
Acknowledge
06
Slave Device Busy
07
Negative Acknowledge
MODBUS I/O ASSIGNMENT
ADDRESS
DATA TYPE
DATA
Coil (0X)
1 – 16
Reserved (unused)
Input (1X)
1 – 8
Reserved (unused)
9
Analog input error (input range error of analog input 1)
10
Analog input error (input range error of analog input 2)
11 – 16
Reserved (unused)
Input Register (3X)
1
I
Analog Input (analog input 1)
2
I
Analog Input (analog input 2)
3 – 16
–
Reserved (unused)
Holding Register (4X)
1 – 16
–
Reserved (unused)
Note: DO NOT access addresses other than mentioned above. Such access may cause problems such as inadequate operation.
■ DATA TYPE
I: Integer -32768 – +32767
■ STATUS
1 bit: indicates input status.
Input range error (Input range is out of the range -5 to +105% for scaling setting, or out of the range -32768 to +32767.)
0: Normal
1: Error
INPUT DATA DESCRIPTIONS
■ANALOG DATA (16 BITS)
0
15
When the scaling setting is initial value, the data is 0 to 10000 for input 0 to 100% setting.
If the input range is -5 to +105% (-500 to +10500) and that is out of range, the data is fixed to -500 or 10500.
Minus value is converted into negative values, represented in 2’s complements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com