Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40W1F-DS2-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # WL40W1F-DS2-R
Description  Wireless I/O WL40F Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40W1F-DS2-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  WL40W1F-DS2-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 6Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: WL40W1F-DS2
WL40W1F SPECIFICATIONS
ES-9084 Rev.0 Page 4/7
http://www.m-system.co.jp/
EXTERNAL VIEW
■ FRONT VIEW
Power
24V1
AI1A
AI1B
0V1
NC
920Link
920Run
920ERR
CFG2
CFG1
24V
24V2
AI2A
AI2B
0V2
NC
0V
NC
NC
FE1
Maintenance Connector
Connector for Power Input
Configuration Jack
Status Indicator LED
Antenna Connector
Input Connector 1
Input Connector 2
TERMINAL ASSIGNMENTS
■ CONNECTOR FOR POWER INPUT
Unit side connector: MSTBV2,5/5-GF-5,08AU (Phoenix Contact)
Cable side connector: TFKC2,5/5-STF-5,08AU (Phoenix Contact)
24V
0V
NC
NC
FE1
ID
FUNCTION
24 V
Power input 24 V
0 V
Power input 0 V
NC
Not used
NC
Not used
FE1
Power input earth
■ INPUT CONNECTOR 1
Unit side connect: MC1,5/5-GF-3,5 (Phoenix Contact)
Cable side connector: FMC1,5/5-STF-3,5 (Phoenix Contact)
24V1
AI1A
AI1B
0V1
NC
ID
FUNCTION
24V1
2-wire transmitter 1 +
AI1A
2-wire transmitter 1 –
AI1B
Current input 1 +
0V1
Current input 1 –
NC
Not used
■ INPUT CONNECTOR 2
Unit side connect: MC1,5/5-GF-3,5 (Phoenix Contact)
Cable side connector: FMC1,5/5-STF-3,5 (Phoenix Contact)
24V2
AI2A
AI2B
0V2
NC
ID
FUNCTION
24V2
2-wire transmitter 2 +
AI2A
2-wire transmitter 2 –
AI2B
Current input 2 +
0V2
Current input 2 –
NC
Not used



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com