Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40W1F-DS2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WL40W1F-DS2-R
Description  Wireless I/O WL40F Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40W1F-DS2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WL40W1F-DS2-R Datasheet HTML 1Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 2Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 3Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 4Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 5Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 6Page - M-System Co.,Ltd. WL40W1F-DS2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: WL40W1F-DS2
WL40W1F SPECIFICATIONS
ES-9084 Rev.0 Page 2/7
http://www.m-system.co.jp/
Communication module: Coordinator module incorporated
(Oki Electric Industry Co., Ltd. )
Radio parameters setting: Configurator software
Antenna
•Sleeve antenna (Model: MH920-ANT-F (S))
Indoor use
Non-waterproof
Non-directional
Gain: 3.0dBi max.
•Rooftop antenna (Model: MH920-ANT-F (R))
Outdoor/indoor use
Cable length: 2.5 m
Waterproof performance: IPx6 (except connector)
Non-directional
Gain: 2.0dBi max.
SUPPLY OUTPUT
(across the terminals 1 – 2)
Output voltage: 24 – 28 V DC with no load
19 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
∙Shortcircuit Protection
Current limited: Approx. 30 mA
Protected time duration: No limit
INPUT SPECIFICATIONS
Input setting: Configurator software
No. of input channel: 2
Input resistance: 250 Ω resistor incorporated
DC Current: 4 – 20 mA DC
Conversion rate: 40 msec.
INSTALLATION
Current consumption: ≤ 140 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -10 to +55°C (14 to +131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight
Unit: Approx. 270 g (0.60 lb)
Sleeve antenna (standard): 27 g (0.95 oz)
Rooftop antenna: 52 g (1.83 oz)
PERFORMANCE
Conversion accuracy: ±0.05 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(power input to FE1 to input 1 to input 2 to antenna
connector)
STANDARDS & APPROVALS
Module conforming to FCC Part 15 incorporated



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com