Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84025 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS84025
Description  CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84025 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS84025 Datasheet HTML 1Page - Integrated Circuit Systems ICS84025 Datasheet HTML 2Page - Integrated Circuit Systems ICS84025 Datasheet HTML 3Page - Integrated Circuit Systems ICS84025 Datasheet HTML 4Page - Integrated Circuit Systems ICS84025 Datasheet HTML 5Page - Integrated Circuit Systems ICS84025 Datasheet HTML 6Page - Integrated Circuit Systems ICS84025 Datasheet HTML 7Page - Integrated Circuit Systems ICS84025 Datasheet HTML 8Page - Integrated Circuit Systems ICS84025 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
84025EM
www.icst.com/products/hiperclocks.html
REV. A APRIL 16, 2003
4
Integrated
Circuit
Systems, Inc.
ICS84025
CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
TABLE 5C. AC CHARACTERISTICS, V
DD = VDDA = 3.3V ± 5%, VDDO = 1.8V ± 0.15V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O5
2
1
.
3
55
2
1z
H
M
t
)
c
c
(
t
ij2
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
5s
p
t
)
o
(
k
s2
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
D
B
Ts
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
Ot
PD
O
I
R
E
D
B
T
-
2
/t
PD
O
I
R
E
D
B
T
+
2
/s
p
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
.
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V ± 5%, T
A
= 0°C TO 70°C
TABLE 5B. AC CHARACTERISTICS, V
DD = VDDA = 3.3V ± 5%, VDDO = 2.5V ± 5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O5
2
1
.
3
55
2
1z
H
M
t
)
c
c
(
t
ij2
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
3s
p
t
)
o
(
k
s2
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
D
B
Ts
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
Ot
PD
O
I
R
E
D
B
T
-
2
/t
PD
O
I
R
E
D
B
T
+
2
/s
p
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
.
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O5
2
1
.
3
55
2
1z
H
M
t
)
c
c
(
t
ij2
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
3s
p
t
)
o
(
k
s2
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
D
B
Ts
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
Ot
PD
O
I
R
E
D
B
T
-
2
/t
PD
O
I
R
E
D
B
T
+
2
/s
p
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
.
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com