Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84025 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS84025
Description  CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84025 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS84025 Datasheet HTML 1Page - Integrated Circuit Systems ICS84025 Datasheet HTML 2Page - Integrated Circuit Systems ICS84025 Datasheet HTML 3Page - Integrated Circuit Systems ICS84025 Datasheet HTML 4Page - Integrated Circuit Systems ICS84025 Datasheet HTML 5Page - Integrated Circuit Systems ICS84025 Datasheet HTML 6Page - Integrated Circuit Systems ICS84025 Datasheet HTML 7Page - Integrated Circuit Systems ICS84025 Datasheet HTML 8Page - Integrated Circuit Systems ICS84025 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
84025EM
www.icst.com/products/hiperclocks.html
REV. A APRIL 16, 2003
1
Integrated
Circuit
Systems, Inc.
ICS84025
CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS84025 is a Crystal-to-LVCMOS/LVTTL
Frequency Synthesizer with Fanout Buffer and
a member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
VCO frequency is programmed in steps equal
to the value of the crystal frequency. The VCO and
output frequency can be programmed using the feedback and
output frequency select pins. The low phase noise character-
istics of the ICS84025 make it an ideal clock source for Fibre
Channel 1 and Gigabit Ethernet applications.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 6 LVCMOS/LVTTL outputs
• Crystal oscillator interface
• Output frequency range: 53.125MHz to 125MHz
• Crystal input frequency: 25MHz and 25.5MHz
• RMS phase jitter at 106.25, using a 25.5MHz crystal
(637KHz to 10MHz): 3.25ps
• Phase noise:
Offset
Noise Power
100Hz ................. -100 dBc/Hz
1KHz ................. -115 dBc/Hz
10KHz ................. -125 dBc/Hz
100KHz ................. -127 dBc/Hz
• 3.3V core, outputs may either be 3.3V, 2.5V or 1.8V
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
,&6
Q0:Q5
PLL
6/
Feedback
Divider
OSC
Output
Divider
0
1
XTAL1
XTAL2
F_SEL1
PLL_SEL
MR
F_SEL0
ICS84025
24-Lead, 300-MIL SOIC
7.5mm x 15.33mm x 2.3mm body package
M Package
Top View
VDDO
Q0
GND
Q1
VDDO
Q2
GND
Q3
VDDO
Q4
GND
Q5
1
2
3
4
5
6
7
8
9
10
11
12
F_SEL0
F_SEL1
MR
XTAL1
XTAL2
GND
VDDA
VDD
PLL_SEL
GND
nc
VDDO
24
23
22
21
20
19
18
17
16
15
14
13
FUNCTION TABLE
s
t
u
p
n
IL
A
T
Xy
c
n
e
u
q
e
r
F
t
u
p
t
u
O
R
M1
L
E
S
_
F0
L
E
S
_
FT
U
O
_
F
1X
X
W
O
L
00
0
z
H
M
5
.
5
2z
H
M
5
2
1
.
3
5
00
1
z
H
M
5
.
5
2z
H
M
5
2
.
6
0
1
01
0
z
H
M
5
2z
H
M
5
.
2
6
01
1
z
H
M
5
2z
H
M
5
2
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS84025

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8402 ICST-ICS8402 Datasheet
247Kb / 15P
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. B OCTOBER 6, 2004
logo
Integrated Device Techn...
ICS8402010I IDT-ICS8402010I Datasheet
324Kb / 16P
FEMTOCLOCK??CRYSTAL-TOLVDS/LVCMOS CLOCK GENERATOR
ICS8402015I IDT-ICS8402015I Datasheet
865Kb / 19P
FemtoClock??Crystal-to-LVDS/LVCMOS Frequency
logo
Integrated Circuit Syst...
ICS84021 ICST-ICS84021 Datasheet
253Kb / 14P
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 7, 2003
ICS84021AY ICST-ICS84021AY Datasheet
253Kb / 14P
260MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
REV. A NOVEMBER 7, 2003
More results

Similar Description - ICS84025

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
logo
Integrated Device Techn...
840S05I IDT-840S05I Datasheet
357Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840S07I IDT-840S07I Datasheet
323Kb / 20P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
840024I IDT-840024I Datasheet
344Kb / 17P
FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840S05I RENESAS-840S05I Datasheet
549Kb / 22P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 11, 2016
840S07I RENESAS-840S07I Datasheet
515Kb / 21P
Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
April 14, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com