Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84025 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS84025
Description  CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84025 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS84025 Datasheet HTML 2Page - Integrated Circuit Systems ICS84025 Datasheet HTML 3Page - Integrated Circuit Systems ICS84025 Datasheet HTML 4Page - Integrated Circuit Systems ICS84025 Datasheet HTML 5Page - Integrated Circuit Systems ICS84025 Datasheet HTML 6Page - Integrated Circuit Systems ICS84025 Datasheet HTML 7Page - Integrated Circuit Systems ICS84025 Datasheet HTML 8Page - Integrated Circuit Systems ICS84025 Datasheet HTML 9Page - Integrated Circuit Systems ICS84025 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
84025EM
www.icst.com/products/hiperclocks.html
REV. A APRIL 16, 2003
6
Integrated
Circuit
Systems, Inc.
ICS84025
CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
SCOPE
Qx
LVCMOS
3.3V OUTPUT LOAD AC TEST CIRCUIT
3.3V/2.5V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT SKEW
3.3V/1.8V OUTPUT LOAD AC TEST CIRCUIT
odc, t
PW & tPERIOD
SCOPE
Qx
LVCMOS
2.05V±5%
V
DDO
GND = -1.25V±5%
V
DD
1.25V±5%
SCOPE
Qx
LVCMOS
V
DD, VDDA, VDDO = 1.65V±5%
GND = -1.65V±5%
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
Q0:Q5
➤
➤
V
DDO
2
V
DDO
2
V
DDO
2
Cycle-to-Cycle Jitter
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
Period Jitter
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
Q0:Q5
OUTPUT RISE/FALL TIME
Clock Outputs
20%
80%
80%
20%
t
R
t
F
PARAMETER MEASUREMENT INFORMATION
GND = -0.9V±0.075V
V
DDO
V
DD
2.4± 0.9V
0.9V±0.075V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com