Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84025 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS84025
Description  CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84025 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS84025 Datasheet HTML 4Page - Integrated Circuit Systems ICS84025 Datasheet HTML 5Page - Integrated Circuit Systems ICS84025 Datasheet HTML 6Page - Integrated Circuit Systems ICS84025 Datasheet HTML 7Page - Integrated Circuit Systems ICS84025 Datasheet HTML 8Page - Integrated Circuit Systems ICS84025 Datasheet HTML 9Page - Integrated Circuit Systems ICS84025 Datasheet HTML 10Page - Integrated Circuit Systems ICS84025 Datasheet HTML 11Page - Integrated Circuit Systems ICS84025 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
84025EM
www.icst.com/products/hiperclocks.html
REV. A APRIL 16, 2003
8
Integrated
Circuit
Systems, Inc.
ICS84025
CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
FIGURE 4A. ICS84025 SCHEMATIC EXAMPLE
SCHEMATIC EXAMPLE
Figure 4A shows a schematic example of using an ICS84025. In
this example, the input is a 25MHz parallel resonant crystal with
load capacitor CL=18pF. The frequency fine tuning capacitors
C1 and C2 is 22pF and 18pF respectively. This example also
shows logic control input handling. The configuration is set at
F_SEL[1:0]=11 therefore the output frequency is 125MHz. It is
recommended to have one decouple capacitor per power pin.
Each decoupling capacitor should be located as close as pos-
sible to the power pin. The low pass filter R7, C11 and C16 for
clean analog supply should also be located as close to the V
DDA
pin as possible.
VDD
RD2
SP
R1
43
F_SEL1
RD4
SP
C7
0.1u
(U1,17)
C3
0.1u
SP = Spare, Not Installed
F_SEL1
RU3
1K
C2
18p
RD3
SP
VDD
C16
10u
VDD
C6
0.1u
VDDA
PLL_SEL
C5
0.1u
X1
25MHz,18pF
R6
43
RU4
1K
(U1,13)
F_SEL0
PLL_SEL
(U1,5)
C1
22p
Zo = 50
(U1,1)
RU2
1K
C11
0.1u
R7
10
F_SEL0
C4
0.1u
(U1,9)
Zo = 50
VDD=3.3V
U1
ICS84025
1
2
3
4
5
6
7
8
9
10
11
15
17
18
19
20
21
22
23
24
14
12
13
16
VDDO
Q0
GND
Q1
VDDO
Q2
GND
Q3
VDDO
Q4
GND
GND
VDD
VDDA
GND
XTAL2
XTAL1
MR
F_SEL1
F_SEL0
NC
Q5
VDDO
PLL_SEL
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com