Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31343 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX31343
Description  Easy Evaluation of the MAX31343
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31343 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX31343 Datasheet HTML 3Page - Maxim Integrated Products MAX31343 Datasheet HTML 4Page - Maxim Integrated Products MAX31343 Datasheet HTML 5Page - Maxim Integrated Products MAX31343 Datasheet HTML 6Page - Maxim Integrated Products MAX31343 Datasheet HTML 7Page - Maxim Integrated Products MAX31343 Datasheet HTML 8Page - Maxim Integrated Products MAX31343 Datasheet HTML 9Page - Maxim Integrated Products MAX31343 Datasheet HTML 10Page - Maxim Integrated Products MAX31343 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: MAX31343
MAX31343 Shield
MAX31343 Shield Bill of Materials
ITEM
REF_DES
DNI/DNP QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1, C3, C5, C7, C12,
C14, C16, C23
-
8 C0402C103J3RAC
KEMET
0.01UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.01UF; 25V; TOL=5%;
TG=-55 DEGC TO +125 DEGC; TC=X7R
2
C2, C4, C6, C8,
C10, C13, C15, C17,
C20-C22,
C24, C25
-
13
C1005X7R1C104K050BC;ATC530L104KT16;
0402YC104KAT2A;CGA2B1X7R1C104K050BC;
GCM155R71C104KA55;C0402X7R160-104KNE;
CL05B104KO5NNNC;GRM155R71C104KA88;
C1005X7R1C104K;CC0402KRX7R7BB104;
EMK105B7104KV;CL05B104KO5
TDK;AMERICAN TECHNICAL CERAMICS;
AVK;TDK;MURATA;VENKEL LTD.;
SAMSUNG ELECTRONICS;MURATA;
TDK;YAGEO PHICOMP;TAIYO YUDEN;
SAMSUNG ELECTRONICS
0.1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF; 16V; TOL=10%;
TG=-55 DEGC TO +125 DEGC; TC=X7R
3
C9, C19
-
2 CL05B105KQ5NQNC; GRM155R70J105KA12
SAMSUNG ELECTRONICS;MURATA
1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 1UF; 6.3V;
TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7R
4
C11, C18
-
2 GRM155R61A106ME44;GRM155R61A106ME11;
0402ZD106MAT2A;CL05A106MP5NUNC
MURATA;MURATA;AVX;SAMSUNG
10UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 10UF; 10V; TOL=20%;
TG=-55 DEGC TO +85 DEGC; TC=X5R
5
JU1, JU3, JU5-JU8,
JU11-JU13
-
9 PCC02SAAN
SULLINS
PCC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT
THROUGH; 2PINS; -65 DEGC TO +125 DEGC
6
JU2
-
1 PEC04SAAN
SULLINS ELECTRONICS CORP.
PEC04SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT;
4PINS
7
JU4
-
1 TSW-105-07-L-S
SAMTEC
TSW-105-07-L-S
EVKIT PART-CONNECTOR; THROUGH HOLE; TSW SERIES; SINGLE
ROW; STRAIGHT; 5PINS
8
JU10
-
1 PBC03SAAN
SULLINS
PBC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT;
3PINS; -65 DEGC TO +125 DEGC
9
P1
-
1 SSQ-110-04-G-S
SAMTEC
SSQ-110-04-G-S
CONNECTOR; FEMALE; THROUGH HOLE; .025IN SQ POST SOCKET;
STRAIGHT; 10PINS ;
10
P2, P4
-
2 SSQ-108-04-G-S
SAMTEC
SSQ-108-04-G-S
CONNECTOR; FEMALE; THROUGH HOLE; .025IN SQ POST SOCKET;
STRAIGHT; 8PINS ;
11
P3
-
1 SSQ-106-04-G-S
SAMTEC
SSQ-106-04-G-S
CONNECTOR; FEMALE; THROUGH HOLE; .025IN SQ POST SOCKET;
STRAIGHT; 6PINS ;
12
P5, P6
-
2 PPPC101LFBN-RC
SULLINS ELECTRONICS CORP.
PPPC101LFBN-RC
CONNECTOR; FEMALE; THROUGH HOLE; HEADER CONNECTOR;
STRAIGHT; 10PINS
13
R1-R4, R7-R11
-
9 ERJ-2GEJ103
PANASONIC
10K
RESISTOR; 0402; 10K OHM; 5%; 200PPM; 0.10W;
THICK FILM
14
R5
-
1 ERJ-2GE0R00
PANASONIC
0
RESISTOR; 0402; 0 OHM; 0%; JUMPER; 0.10W;
THICK FILM
15
SUPER_CAP
-
1 KW-5R5C334-R
EATON POWERING BUSINESS
WORLDWIDE
0.33F
CAP; THROUGH HOLE-RADIAL LEAD; 0.33F; +80%/-20%;
5.5V; ALUMINUM-ELECTROLYTIC ;
16
TP1, TP4
-
2 5011
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD
HOLE=0.063IN; BLACK; PHOSPHOR BRONZE WIRE SILVER PLATE
FINISH;
17
TP2, TP3
-
2 5010
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD
HOLE=0.063IN; RED; PHOSPHOR BRONZE WIRE SIL;
18
TP5-TP9
-
5 5012
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN; TOTAL LENGTH=0.445IN; BOARD
HOLE=0.063IN; WHITE; PHOSPHOR BRONZE WIRE SILVER PLATE
FINISH;
19
U1
-
1 MAX31343EKA+
MAXIM
MAX31343EKA+
EVKIT PART-IC; MAX31343EKA+; +/-4PPM; I2C REAL-TIME
CLOCK WITH INTEGRATED MEMS OSCILLATOR; PACKAGE
OUTLINE: 21-100336; PACKAGE CODE: K82A2+1
20
U2
DNI
1 MAX31343ETAY+
MAXIM
MAX31343ETAY+
EVKIT PART-IC; MAX31343ETAY+; +/-4PPM; I2C REAL-TIME
CLOCK WITH INTEGRATED MEMS OSCILLATOR; PACKAGE
OUTLINE: 21-100322; PACKAGE LAND PATTERN: 90-100121;
PACKAGE CODE: T834MKY+1
21
U3, U5
-
2 NLSX4373MUTAG
ON SEMICONDUCTOR
NLSX4373MUTAG IC; TRANS; 2-BIT 20 MB/S DUAL-SUPPLY LEVEL
TRANSLATOR; UDFN8
22
U4
-
1 NLSX4401MU1TCG
ON SEMICONDUCTOR
NLSX4401MU1TCG IC; TRANS; 1-BIT 20 MB/S DUAL-SUPPLY LEVEL
TRANSLATOR; UDFN6
23
U6-U8
-
3 MAX14689AETB+
MAXIM
MAX14689AETB+
IC; ASW; ULTRA-SMALL LOW-RON BEYOND-THE-RAILS
DPDT ANALOG SWITCHES; TDFN10-EP
24
PCB
-
1 MAX31343SHIELD
MAXIM
PCB
PCB:MAX31343SHIELD
25
P7
DNP
0 SSQ-103-03-G-D
SAMTEC
SSQ-103-03-G-D
CONNECTOR; FEMALE; THROUGH HOLE; SSQ SERIES ; STRAIGHT;
6PINS
26
R6
DNP
0 N/A
N/A
OPEN
PACKAGE OUTLINE 0402 RESISTOR
TOTAL
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com