Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31343 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX31343
Description  Easy Evaluation of the MAX31343
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31343 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX31343 Datasheet HTML 1Page - Maxim Integrated Products MAX31343 Datasheet HTML 2Page - Maxim Integrated Products MAX31343 Datasheet HTML 3Page - Maxim Integrated Products MAX31343 Datasheet HTML 4Page - Maxim Integrated Products MAX31343 Datasheet HTML 5Page - Maxim Integrated Products MAX31343 Datasheet HTML 6Page - Maxim Integrated Products MAX31343 Datasheet HTML 7Page - Maxim Integrated Products MAX31343 Datasheet HTML 8Page - Maxim Integrated Products MAX31343 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX31343
MAX31343 Shield
Detailed Description
The MAX31343 shield is a low-cost, extremely accurate
RTC. It is driven by an internal temperature-compensated
microelectromechanical systems (MEMS) resonator. The
oscillator provides a stable and accurate reference clock
and maintains the RTC to within ±0.432 seconds-per-
day accuracy from -40°C to +85°C. The RTC device is
accessed through an I2C serial interface.
The RTC maintains seconds, minutes, hours, day, date,
month, year, and century information. The date at the end
of the month is automatically adjusted for months with
fewer than 31 days, including corrections for leap year
up to the year 2199. The clock operates in the 24-hour
format. Other features including two programmable time-
of-day alarms, interrupt output, uncompensated pro-
grammable clock output, and temperature-compensated
programmable square-wave output. A voltage reference
and comparator circuit monitor the status of VCC to detect
power failures and automatically switch to the backup
supply when necessary.
Detailed Description of Software and
Functional Test Procedure
Real Time Monitoring
To monitor the time and date, on the
Configuration &
Time tab, in the RTC Configuration group box, enable
the
Oscillator Enable toggle button, and in the Real
Time Monitoring group box, check the Continuous
Read checkbox for continuous reading.
Current Draw in Timekeeping Mode
To measure the current draw under normal RTC condi-
tions without any interrupt or CLKO output:
1) Remove the jumper from JU5.
2) With the output set to +3.3V and disabled, connect
the negative terminal of the pico ammeter to the pin
1 of JU5 (marked as a white dot) and the positive
terminal to pin 2 of JU5.
3) On the
Configuration & Time tab, in the Date/Time
Configuration group box, click the Read button.
In the
RTC Configuration group box, disable the
CLKOUT toggle button, and select 1Hz in SQW Fre-
quency drop-down list. In the Real Time Monitoring
section, uncheck the
Continuous Read checkbox.
4) The reading on the pico ammeter is the current
consumed by the MAX31343 IC only. It should be
around 940nA.
CLKOUT Frequency
On the
Configuration & Time tab of the software, in
the
RTC Configuration group box, enable the CLKOUT
toggle button and select the desired frequency. The clock
output can be monitored using an oscilloscope connected
to the CLKO test point (TP7). A frequency counter can
also be used to measure the clock frequency accurately.
Alarm and Timer Configuration
Use the
Alarm & Timer Configuration tab to configure
Alarm 1, Alarm 2, and timer. (Figure 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com