Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31343 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX31343
Description  Easy Evaluation of the MAX31343
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31343 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX31343 Datasheet HTML 1Page - Maxim Integrated Products MAX31343 Datasheet HTML 2Page - Maxim Integrated Products MAX31343 Datasheet HTML 3Page - Maxim Integrated Products MAX31343 Datasheet HTML 4Page - Maxim Integrated Products MAX31343 Datasheet HTML 5Page - Maxim Integrated Products MAX31343 Datasheet HTML 6Page - Maxim Integrated Products MAX31343 Datasheet HTML 7Page - Maxim Integrated Products MAX31343 Datasheet HTML 8Page - Maxim Integrated Products MAX31343 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Evaluates: MAX31343
MAX31343 Shield
319-100521; Rev 1; 5/20
General Description
The MAX31343 shield is a fully assembled and tested
PCB to evaluate the MAX31343, low-cost, extremely
accurate, real-time clock (RTC) with an I2C interface
and power management. The shield operates from a
single supply, either from a USB or external power sup-
ply, and the integrated microelectromechanical systems
(MEMS) resonator enhances the long-term accuracy and
eliminates the external crystal requirement in the system.
This device is accessed through an I2C serial interface
provided by a MAX32625 PICO board.
The MAX31343 shield provides the hardware and soft-
ware user interface (GUI) necessary to evaluate the
MAX31343. The shield includes a MAX31343EKA+T. It
connects to the PC through a MAX32625 PICO board and
a Micro USB cable.
Features
● Easy Evaluation of the MAX31343
● +1.6V to +5.5V Single-Supply Operation
● Proven PCB Layout
● Fully Assembled and Tested
● Arduino®/Mbed® Platform Compatible
Ordering Information appears at end of data sheet.
Shield Contents
● Assembled MAX32625 PICO controller board
● Micro USB cable
● Assembled circuit board including MAX31343EKA+T
Arduino is a registered trademark of Arduino, LLC.
Mbed is a registered trademark of Arm Limited.
Windows is a registered trademark of Microsoft Corporation.
Quick Start
Required Equipment
● One pico ammeter for measuring the current
● One oscilloscope and one oscilloscope probe
● One PC or laptop with Microsoft Windows® 7 or later
● One USB A male to Micro-B male cable
● One assembled and programmed MAX32625 PICO
board
● One MAX31343 shield
Shield Photo
PICO Board Photo
Click
here for production status of specific part numbers.


Similar Part No. - MAX31343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Analog Devices
MAX31343 AD-MAX31343 Datasheet
1Mb / 40P
±5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
Rev 5; 11/21
logo
Maxim Integrated Produc...
MAX31343EKA MAXIM-MAX31343EKA Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
MAX31343EKA+T MAXIM-MAX31343EKA+T Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Analog Devices
MAX31343EKA+T AD-MAX31343EKA+T Datasheet
1Mb / 40P
±5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
Rev 5; 11/21
More results

Similar Description - MAX31343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX3521 MAXIM-MAX3521 Datasheet
422Kb / 11P
Easy Evaluation of the MAX3521
Rev 1; 6/16
MAX31328SHLD MAXIM-MAX31328SHLD Datasheet
857Kb / 11P
Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
MAX22203EVKIT MAXIM-MAX22203EVKIT Datasheet
1Mb / 10P
Easy Evaluation of the MAX22203
Rev 0; 4/21
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
Easy Evaluation of the MAX33071E
Rev 0; 3/21
MAX33042ESHLD MAXIM-MAX33042ESHLD Datasheet
728Kb / 10P
Easy Evaluation of the MAX33042E
Rev 0; 12/20
MAX14813EVKIT MAXIM-MAX14813EVKIT Datasheet
3Mb / 28P
Easy Evaluation of the MAX14813
2016
MAX2880EVKIT MAXIM-MAX2880EVKIT Datasheet
1Mb / 11P
Easy Evaluation of the MAX2880
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com