Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31343 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX31343
Description  Easy Evaluation of the MAX31343
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31343 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX31343 Datasheet HTML 1Page - Maxim Integrated Products MAX31343 Datasheet HTML 2Page - Maxim Integrated Products MAX31343 Datasheet HTML 3Page - Maxim Integrated Products MAX31343 Datasheet HTML 4Page - Maxim Integrated Products MAX31343 Datasheet HTML 5Page - Maxim Integrated Products MAX31343 Datasheet HTML 6Page - Maxim Integrated Products MAX31343 Datasheet HTML 7Page - Maxim Integrated Products MAX31343 Datasheet HTML 8Page - Maxim Integrated Products MAX31343 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX31343
MAX31343 Shield
Procedure
The shield is fully assembled and tested. Use the follow-
ing steps to verify board operation.
1) Place the MAX31343 shield on a nonconductive sur-
face to ensure that nothing on the PCB gets shorted
to the workspace.
2) Verify that all jumpers are in their default position as
shown in Table 1.
3) Connect the MAX32625 PICO board to the shield at
the location shown as MAX32625 PICO (Figure 1).
4) Connect the USB Type A male to Micro-B male cable
between the MAX32625 PICO board and PC/laptop.
5) Go to the MAX31343 shield product page to
download and install the latest version of the
MAX31343 RTC SHIELD Software.
6) Open the MAX31343 RTC SHIELD Software, shown
in Figure 2.
*Default position
Table 1. Jumper Settings
Figure 1. Connection and Setup
JUMPER
SHUNT POSITION
DESCRIPTION
JU1
1-2*
Connects clock output to pin 6 of P2 Arduino/Mbed connector
Open
Disconnects clock output from Arduino/Mbed connector
JU2
1-2
Connects backup supply to external DC supply
1-3
Connects backup supply to supercapacitor
1-4*
Connects backup supply to ground
Open
Disconnects backup supply
JU3
1-2*
Connects interrupt signal to pin 3 of P2 Arduino/Mbed connector
Open
Disconnects interrupt signal from Arduino/Mbed connector
JU4
1-2
Connects VCC supply to +1.8V on-board supply
1-3*
Connects VCC supply to +3.3V on-board supply
1-4
Connects VCC supply to +5.0V on-board supply
1-5
Connects VCC supply to external DC supply
Open
Disconnects VCC
JU5
1-2*
Connects VCC to MAX31343 IC WLP package (U1)
Open
Disconnects VCC from MAX31343 IC WLP package (U1)
JU8
1-2*
Connects square-wave output to pin 4 of P2 Arduino/Mbed connector
Open
Disconnects square-wave output from Arduino/Mbed connector
JU10
1-2*
Sets MAX31343 WLP package (U1) IC under test
2-3
Sets MAX31343 TDFN package (U2) IC under test
JU11
1-2*
Connects VCC to MAX31343 IC TDFN package (U2)
Open
Disconnects VCC from MX31343 IC TDFN package (U2)
JU12
1-2*
Connects VBAT to MAX31343 IC WLP package (U1)
Open
Disconnects VBAT from MAX31343 IC WLP package (U1)
JU13
1-2*
Connects VBAT to MAX31343 IC TDFN package (U2)
Open
Disconnects VBAT from MAX31343 IC TDFN package (U2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com