Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPC120W-F200-R2 Datasheet(PDF) 4 Page - Pepperl+Fuchs Inc.

Part # OPC120W-F200-R2
Description  Stationary read device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OPC120W-F200-R2 Datasheet(HTML) 4 Page - Pepperl+Fuchs Inc.

  OPC120W-F200-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Connection
(24 V DC + I/O)
RS 232
LAN
1
5
3
2
4
1
3
2
4
1
4
6
7
8
5
3
2
Pin
Signal
1
+UB
2
TX RS232
3
GND
4
RX RS232
5
NC
Pin
Signal
1
TX+ Ethernet
2
RX+ Ethernet
3
TX- Ethernet
4
RX- Ethernet
Pin
Signal
1
IN Trigger
2
+UB
3
OUT Good
4
OUT Bad
5
IN 1
6
IN Encoder A
7
GND
8
OUT Matchcode
Assembly
1 LED DIAG2
yellow
2 LED DIAG1
yellow
3 LED POWER
green
4 LED READY
yellow
5 LED BAD
yellow
6 LED GOOD
yellow
7 LED TRIGGER
yellow
1
2
3
4
5
6
7
Characteristic Curve
(Nominal distance)
Operating distance
[mm]
Image field dimensions
Image field
Width Y
Width X
60
50
40
30
20
10
0
10
20
30
40
50
60
0
20
40
60
80
100
120
140
160
180
200
Stationary read device
OPC120W-F200-R2
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com