Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPC120W-F200-R2 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # OPC120W-F200-R2
Description  Stationary read device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OPC120W-F200-R2 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  OPC120W-F200-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(Nominal distance)
Operating distance
0.3 mm
0.4 mm
0.5 mm
Read ranges
Data Matrix
0.3 mm
0.4 mm
0.5 mm
Code 128
0.3 mm
0.4 mm
0.5 mm
2/5 interleaved
0.3 mm
0.4 mm
0.5 mm
Code 39
0
40
60
80
100
120
140
160
180
200
[mm]
Accessories
V19-G-2M-PUR-ABG
Female cordset, M12, 8-pin, shielded, PUR cable
V15S-G-5M-PUR-ABG
Male cordset, M12, 5-pin, shielded, PUR cable
V1SD-G-2M-PUR-ABG-
V45-G
Connection cable, M12 to RJ-45, PUR cable 4-pin, CAT5e
V1SD-G-2M-PUR-ABG-
V45X-G
Connection cable, M12 to RJ-45, PUR cable 4-pin, CAT5e
V19-G-ABG-PG9
Female connector, M12, 8-pin, shielded, field attachable
PCV-MB1
Mounting bracket for PCV* read head
V19-G-0,2M-YOPC-0,2M-
V1S/V31-G
Y connection cable
Stationary read device
OPC120W-F200-R2
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com