Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPC120W-F200-R2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # OPC120W-F200-R2
Description  Stationary read device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OPC120W-F200-R2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  OPC120W-F200-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Stationary read device
OPC120W-F200-R2
< Reads 1-D and 2-D codes at high speeds of up to 6 m/s at 30
readings/s
< High depth of focus
< Code quality index output
< Logo comparison
< Presence detection
Optical Print Inspector, reads all common 1-D and 2-D codes, detects logos, Ethernet, RS 232, speeds of
up to 6 m/s
Function
With the Optical Print Inspector, Pepperl+Fuchs provides the solution to code reading and detection tasks in the field of printing, paper, and
packaging.
Whether reading 1D and 2D codes at high speeds, at varying intervals, with reflective surfaces, with overly long barcodes or performing diverse
detection tasks — with the Optical Print Inspector, you always have the right Vision Sensor at your disposal.
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - OPC120W-F200-R2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OPC120W-F200-R2-EX PF-OPC120W-F200-R2-EX Datasheet
1Mb / 4P
Stationary read device
More results

Similar Description - OPC120W-F200-R2

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
logo
Pepperl+Fuchs Inc.
ODV120-F200-R2 PF-ODV120-F200-R2 Datasheet
786Kb / 5P
Stationary read device
OPC120W-F200-R2-EX PF-OPC120W-F200-R2-EX Datasheet
1Mb / 4P
Stationary read device
OPC70P-F201-R2-45 PF-OPC70P-F201-R2-45 Datasheet
846Kb / 5P
Stationary read device
OPC120P-F201-B17 PF-OPC120P-F201-B17 Datasheet
950Kb / 6P
Stationary read device
OPC120P-F201-R2 PF-OPC120P-F201-R2 Datasheet
893Kb / 6P
Stationary read device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com