Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPC120W-F200-R2 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # OPC120W-F200-R2
Description  Stationary read device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OPC120W-F200-R2 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  OPC120W-F200-R2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 3Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 4Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 5Page - Pepperl+Fuchs Inc. OPC120W-F200-R2 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dimensions
12.5
50
M12
M12
M6 x 9 (4x)
25
12
70
13.8
Technical Data
General specifications
Light type
Integrated LED lightning (white)
Symbologies
Data Matrix, Code 39, Code 128, Int 2 of 5, EAN13, Pharmacode
Read distance
70 ... 180 mm Nominal distance: 120 mm
Reading field
Minimum read field: 28 mm x 45 mm
Read field at nominal distance: 44 mm x 70 mm
Maximum read field: 63 mm x 100 mm
Modul size
Minimum module size: 0.2 mm
Evaluation frequency
up to 30 Hz
Target velocity
triggered max. 6 m/s
Data Matrix
Symbol size
rectangular up to 144 x 144 modules
rectangular up to 16 x 48 modules
Data format
ASCII, C40, Text, X12, Edifact, Base 256 , all according to ISO 646
Orientation
omnidirectional
Nominal ratings
Camera
Type
CMOS , Global shutter
Number of pixels
752 x 480 pixels
Gray scale
256
Image recording
real-time , Program-controlled or triggered externally
Functional safety related parameters
MTTFd
40.5 a
Stationary read device
OPC120W-F200-R2
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com