Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS3727XP Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS3727XP
Description  LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS3727XP Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS3727XP Datasheet HTML 1Page - Integrated Circuit Systems ICS3727XP Datasheet HTML 2Page - Integrated Circuit Systems ICS3727XP Datasheet HTML 3Page - Integrated Circuit Systems ICS3727XP Datasheet HTML 4Page - Integrated Circuit Systems ICS3727XP Datasheet HTML 5Page - Integrated Circuit Systems ICS3727XP Datasheet HTML 6Page - Integrated Circuit Systems ICS3727XP Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS3727XP
MDS 3727XP A
1
Revision 102004
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
PRELIMINARY INFORMATION
Description
The ICS3727XP combines the functions of a VCXO
(Voltage Controlled Crystal Oscillator) and PLL
(Phase-Locked Loop) frequency doubler onto a single
chip. It is designed primarily for data and clock recovery
applications within end products such as set-top box
receivers.
The ICS3727XP exhibits a moderate VCXO gain of 200
ppm/V typical, when used with a high quality external
pullable quartz crystal.
The frequency of the on-chip VCXO is adjusted by an
external control voltage input into pin VIN. Because
VIN is a high impedance input, it can be driven directly
from an PWM RC integrator circuit. Frequency output
increases with VIN voltage input. The usable range of
VIN is 0 to 3.3 V.
Features
• ICS3727XP offers 24 to 36 MHz output frequency
range (output frequency = 2x crystal frequency) and
improved power supply noise rejection
• Uses an inexpensive 12 to 18 MHz external crystal
• Ideal for DV CODEC applications using 27 MHz
external pullable crystal with extended pull range to
generate locked 27 MHz clock transport video clock
• On-chip VCXO with guaranteed pull range of ±200
ppm minimum
• VCXO input tuning voltage 0 to 3.3 V
• Packaged in 8-pin SOIC (150 mil wide)
Block Diagram
24-36 MHz
(2x Crystal Frequency)
X1
X2
Voltage
Controlled
Crystal
Oscillator
PLL
Frequency
Doubler
VIN
12-18 MHz
Pullable
Crystal


Similar Part No. - ICS3727XP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS3726-02 ICST-ICS3726-02 Datasheet
138Kb / 6P
HIGH PERFORMANCE VCXO
logo
Renesas Technology Corp
ICS3726-02 RENESAS-ICS3726-02 Datasheet
334Kb / 9P
HIGH PERFORMANCE VCXO
030706
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
HIGH PERFORMANCE VCXO
Revision 120505
ICS3726M-02 ICST-ICS3726M-02 Datasheet
138Kb / 6P
HIGH PERFORMANCE VCXO
logo
Renesas Technology Corp
ICS3726M-02 RENESAS-ICS3726M-02 Datasheet
334Kb / 9P
HIGH PERFORMANCE VCXO
030706
More results

Similar Description - ICS3727XP

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Revision 052901
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
MK3721 RENESAS-MK3721 Datasheet
322Kb / 8P
LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO
103003
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com