Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.0SMB Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2.0SMB
Description  Surface Mount - 2000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2.0SMB Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2.0SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Applications
TVSdevicesareidealfortheprotectionofI/OInterfaces,VCCbusand
other vulnerable circuits used in Telecom, Computer, Industrial and
Consumerelectronicapplications.
Maximum Ratings and Electrical Characteristics
(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at
TA=25℃
by
10x1000
μs
waveform
(Fig.2)(Note 1) (Note 2)
PPPM
2000
W
Power Dissipation on infinite heat sink at
TA=50℃
PD
6.5
W
Peak Forward Surge Current, 8.3ms Single
Half Sine Wave Unidirectional only(Note 3)
IFSM
200
A
Maximum Instantaneous Forward Voltage at
100A for Unidirectional only
VF
3.5V/5.0
V
Operating Junction and Storage Temperature
Range
TJ,TSTG -55to+150 ℃
Typical Thermal Resistance Junction to Lead
RuJL
15
℃
/W
Typical Thermal Resistance Junction to
Ambient
RuJA
75
℃
/W
Notes:
1.
Non-repetitivecurrentpulse,perFig.3andderatedaboveTA=25℃perFig.2.
2.Mountedoncopperpadareaof0.31x0.31”(8.0x8.0mm)toeachterminal.
3.Measuredon8.3mssinglehalfsinewaveorequivalentsquarewaveforunidirectionaldevice
only,dutycycle=4perminutemaximum.
SurfaceMount-2000W>2.0SMBseries
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com