Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.0SMB Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2.0SMB
Description  Surface Mount - 2000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2.0SMB Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2.0SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SurfaceMount-2000W>2.0SMBseries
Description
The2.0SMBseriesisdesignedspecifically
toprotectsensitiveelectronicequipment
fromvoltagetransientsinducedbylightning
andothertransientvoltageevents.
Features
◆
2000Wpeakpulsepowercapabilityat10x1000μswaveform,repetitionrate
(dutycycle):0.01%
◆
GlassPassivatedchipjunction
◆
Forsurfacemountedapplicationstooptimizeboardspace
◆
Lowprofilepackage
◆
Built-instrainrelief
◆
Lowincrementalsurgeresistance
◆
Excellentclampingcapability
◆
PlasticpackagehasULflammabilityclassification94V-O
◆
Fastresponsetime:typicallylessthan1.0psfrom0VoltstoBVmin
◆
TypicalIRlessthan1uAabove12V
◆
Hightemperaturesoldering:260°C/40secondsatterminals
◆
IEC-61000-4-2ESD15KV(Air),8KV(Contact)
◆
ESDprotectionofdatalinesinaccordancewithIEC61000-4-2(IEC801-2)
◆
EFTprotectionofdatalinesinaccordancewithIEC61000-4-4(IEC801-4)
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - 2.0SMB

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
2.0SMCJ FUTUREWAFER-2.0SMCJ Datasheet
1Mb / 12P
2000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Pan Jit International I...
2.0SMCJ22A PANJIT-2.0SMCJ22A Datasheet
85Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
FutureWafer Tech Co.,Lt...
2.0SMCJ5.0A FUTUREWAFER-2.0SMCJ5.0A Datasheet
1Mb / 12P
2000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
2.0SMCJ5.0CA FUTUREWAFER-2.0SMCJ5.0CA Datasheet
1Mb / 12P
2000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
2.0SMCJ6.0A FUTUREWAFER-2.0SMCJ6.0A Datasheet
1Mb / 12P
2000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
More results

Similar Description - 2.0SMB

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
2000W Front End Power Supply
RSP-2000 MEANWELL-RSP-2000 Datasheet
290Kb / 5P
2000W Single Output Power Supply
RSP-2000_1112 MEANWELL-RSP-2000_1112 Datasheet
291Kb / 5P
2000W Single Output Power Supply
logo
List of Unclassifed Man...
TC-2000RHN4 ETC2-TC-2000RHN4 Datasheet
281Kb / 17P
2000W Redundant Power Supply
TC-2000RVN4 ETC2-TC-2000RVN4 Datasheet
282Kb / 17P
2000W Redundant Power Supply
logo
TECHNOLOGY ASSISTANCE B...
NTDM-BC-54 TAB-NTDM-BC-54 Datasheet
1Mb / 2P
2000W BATTERY CHARGER 137V 14.5A
logo
FutureWafer Tech Co.,Lt...
2.0SMCJ FUTUREWAFER-2.0SMCJ Datasheet
1Mb / 12P
2000W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
COTEK ELECTRONIC IND. C...
SL-2000 COTEK-SL-2000 Datasheet
210Kb / 2P
2000W Inverter / Charger
20/11/12
SP-2000 COTEK-SP-2000 Datasheet
129Kb / 2P
2000W Pure Sine Wave Inverter
20/10/21
logo
UN Semiconducctor INC
POE58C UNSEMI-POE58C Datasheet
2Mb / 4P
2000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com