Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.0SMB Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2.0SMB
Description  Surface Mount - 2000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2.0SMB Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2.0SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Solder Reflow Recommendations
●
Recommendedreflowmethods:IR,vapor
phaseoven,hotairoven,wavesolder.
●
Thedevicecanbeexposedtoamaximum
temperatureof265°Cfor10seconds.
●
Devicescanbecleanedusingstandard
industrymethodsandsolvents.
Notes:
If reflow temperaturesexceedthe
recommended profile, devicesmay not
meettheperformancerequirements.
Summary of Packing Options
Package Type
Description
Packing
Quantity
Industry
Standard
DO-214AA(SMB)
EmbossedCarrierReelPack 3000PCS
EIA-481-D
SurfaceMount-2000W>2.0SMBseries
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
6/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com