Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.0SMB Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2.0SMB
Description  Surface Mount - 2000W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2.0SMB Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2.0SMB Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 2.0SMB Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Part Numbering System
2.0SMB XXX
C A
(1)
(2)
(3)
(4)
(1)SERIES.
(2)VRVOLTAGE.
(3)BI-DIRECTIONALANDUNI-DIRECTIONAL.
(4)5%VOLTAGETOLERANCE.
Product Dimensions
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A 0.134 0.155 3.40 3.94
B 0.205 0.22 5.21 5.59
C 0.075 0.083 1.90 2.11
D 0.166 0.185 4.22 4.70
E 0.036 0.056 0.91 1.42
F 0.073 0.087 1.85 2.2
G 0.002 0.008 0.05 0.20
H 0.077 0.094 1.95 2.40
J 0.043 0.053 1.09 1.35
K 0.008 0.014 0.20 0.35
L 0.039 0.049 0.99 1.24
A
C
D
B
H
K
E
J
F
L
G
.079
(2.0)
.079
(2.0)
0.110
(2.8)
SurfaceMount-2000W>2.0SMBseries
Rev :
www.leiditech.com
01.06.2018
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com