Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9634 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9634
Description  MAXNANOPWRBD# Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9634 Datasheet HTML 1Page - Maxim Integrated Products MAX9634 Datasheet HTML 2Page - Maxim Integrated Products MAX9634 Datasheet HTML 3Page - Maxim Integrated Products MAX9634 Datasheet HTML 4Page - Maxim Integrated Products MAX9634 Datasheet HTML 5Page - Maxim Integrated Products MAX9634 Datasheet HTML 6Page - Maxim Integrated Products MAX9634 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Evaluates: MAX32660, MAX11615,
MAX40007, MAX9119,
MAX9634, MAX17222
MAXNANOPWRBD# Evaluation Kit
General Description
The MAXNANOPWRBD evaluation kit brings together
Maxim’s Nanopower technology with the ultra-low power,
low pin count, MAX32660 Arm® Cortex®-M4 processor
with FPU to create a simple digital multimeter application
example running on a single 1.5V alkaline button cell.
The kit includes the following items:
● MAXNANOPWRBD# circuit board
● MAX326325PICO JTAG debugger/programmer
Benefits and Features
● Ultra-Low Power MAX32660 Arm Cortex M4F
● MAX11615 Low Power 8-Channel 12-Bit ADC
● MAX40007 Nanopower Op-Amp
● MAX9119 Nanopower Comparator
● MAX9634 Current Sense Amplifier
● MAX17222 Boost Convertor
● PCB mounted Coin Cell Power Source
Ordering Information appears at end of data sheet.
319-100409; Rev 3; 12/19
Arm and Cortex are registered trademarks of Arm Limited (or
its subsidiaries) in the US and/or elsewhere.
MAXNANOPWRBD# Evaluation Kit Top View
Click
here for production status of specific part numbers.


Similar Part No. - MAX9634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
logo
Silicon Laboratories
MAX9634 SILABS-MAX9634 Datasheet
1Mb / 6P
Current Sense Amplifier Performance Comparison
logo
Analog Devices
MAX9634 AD-MAX9634 Datasheet
1Mb / 9P
nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6 7/21
logo
Maxim Integrated Produc...
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
Proven PCB Layout
Rev 0; 3/10
MAX9634EVKIT+ MAXIM-MAX9634EVKIT+ Datasheet
1Mb / 4P
Proven PCB Layout
Rev 0; 3/10
More results

Similar Description - MAX9634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com