Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9634 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9634
Description  MAXNANOPWRBD# Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9634 Datasheet HTML 1Page - Maxim Integrated Products MAX9634 Datasheet HTML 2Page - Maxim Integrated Products MAX9634 Datasheet HTML 3Page - Maxim Integrated Products MAX9634 Datasheet HTML 4Page - Maxim Integrated Products MAX9634 Datasheet HTML 5Page - Maxim Integrated Products MAX9634 Datasheet HTML 6Page - Maxim Integrated Products MAX9634 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX32660, MAX11615,
MAX40007, MAX9119,
MAX9634, MAX17222
MAXNANOPWRBD# Evaluation Kit
REFDES
QTY
MANUFACTURER
PART NUMBER
DESCRIPTION
R11
1
PANASONIC
ERJ-2RKF1004
RESISTOR; 0402; 1MΩ;1%; 100PPM; 0.10W;
THICK FILM
R13
1
STACKPOLE
ELECTRONICS INC
HMC0402JT33M0
RESISTOR; 0402; 33MΩ; 5%; 400PPM; 0.063W;
THICK FILM
SW1–SW3
3
C&K COMPONENTS
KSR231GLFS
SWITCH; SPST; SMT; 32V; 0.05A; KSR SERIES;
SUBMINIATURE TACT SWITCH; RCOIL = 0.1Ω;
RINSULATION = 10GΩ; C&K COMPONENTS
SW4
1
ALPS
SSSS211900
SWITCH; SP3T; THROUGH HOLE; 6V; 0.3A
U1
1
MAXIM
MAX32660GTP+
IC; UCON; ULTRA-LOW POWER
ARM CORTEX-M4 WITH FPU-BASED
MICROCONTROLLER FOR WEARABLE AND IOT
SENSORS; TQFN20-EP
U3
1
MAXIM
MAX11615EWE+
IC; ADC; LOW-POWER; 8-CHANNEL; I2C;
12-BIT ADC; WLP16
U4
1
MAXIM
MAX40007AUT+
IC; OPAMP; NANOPOWER OP AMP; GAIN = 1;
SOT23-6
U6
1
MAXIM
MAX9119EXK+
IC; COMP; NANOPOWER; BEYOND-THE-RAILS
COMPARATORS WITH/WITHOUT REFERENCE;
SC70-5
U7, U8
2
MAXIM
MAX9634TEUK+
IC; AMP; PRECISION CURRENT-SENSE
AMPLIFIER; SOT23-5
U9
1
MAXIM
MAX17222ELT+
IC; VCON; 0.4V TO 5.5V INPUT; NANOPOWER
SYNCHRONOUS; BOOST CONVERTER WITH
TRUE SHUTDOWN; UDFN6
Y1
1
CITIZEN
CM1610H32768DZB
CRYSTAL; SMT 1.6MMX1MM; 6PF; 32.7680KHZ;
±20PPM
MAXNANOPWRBD# EV Bill of Materials (continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com