Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9634 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9634
Description  MAXNANOPWRBD# Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9634 Datasheet HTML 1Page - Maxim Integrated Products MAX9634 Datasheet HTML 2Page - Maxim Integrated Products MAX9634 Datasheet HTML 3Page - Maxim Integrated Products MAX9634 Datasheet HTML 4Page - Maxim Integrated Products MAX9634 Datasheet HTML 5Page - Maxim Integrated Products MAX9634 Datasheet HTML 6Page - Maxim Integrated Products MAX9634 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX32660, MAX11615,
MAX40007, MAX9119,
MAX9634, MAX17222
MAXNANOPWRBD# Evaluation Kit
Figure 1. MAXNANOPWRBD# EV Block Diagram
Quick Start
The kit comes preprogrammed with multimeter example
firmware. Simply apply power to the board with a 1.5V
button cell battery or with an external 1.5V voltage source.
SW1 can be used to cycle through the three operational
modes: voltage measurement, current measurement, and
frequency measurement.
Voltage and frequency measurement is relative to the V
and COM terminals. Current measurement uses the A
and COM terminals.
Detailed Description
The MAXNANOPWRBD kit implements a simple bat-
tery-powered multimeter to demonstrate several low
power Maxim analog and digital technologies. Application
functionality is provided by firmware that runs on the
MAX32660 Arm Cortex-M4 processor with FPU. The
analog front-end is implemented with nanopower com-
parators and operational amplifiers that present measure-
ment signals to the MAX11615 12-bit ADC. The ADC is
connected to the MCU through an I2C bus.
The 128x128 pixel LCD is connected to the MCU through
a SPI bus and two buttons are provided to complete the
multimeter user interface.
The example firmware provided with the kit enables
voltage, current, and frequency measurements through
the V, A, and COM terminals. Limit voltage measure-
ments to ±10V and current measurements to ±100mA.
Kit design does not provide protection and safety circuitry
required by commercial multimeter designs. Therefore,
the kit should not be connected to high-voltage sources.
Exceeding the specified input ranges will damage the
PCB and the components.
The kit can be powered by a single LR44, or similar,
1.5V button cell. The board can optionally be powered
externally by a benchtop supply through J2. Maximum
input voltage applied to J2 should be limited to 1.5V.
SW4 specifies between external power (EXT) and battery
power (BAT).
The kit features two connectors for external interfacing. J7
provides a JTAG SWD interface that can be used with the
included MAX32635PICO debugger module to program
and debug the MAX32660 Arm Cortex M4 processor with
FPU. J1 provides access to the I2C bus to interface with
the MCU and the ADC. This interface is compatible with
Sparkfun’s QWIIC system.
Power conversion is provided by the MAX17222, which
converts the 1.5V nominal battery voltage to 3.3V for use
by the rest of the board.
Firmware
A source code package for the kit can be obtained from
Maxim website. Simply use the search tool on Maxim’s
website and search for “MAXNANOPWRBD”. The pack-
age is found on the
Design Resources tab.
Information about the source code and how to build,
program, and debug it can be found in the source code
package.
#Denotes RoHS compliance.
PART
TYPE
MAXNANOPWRBD#
Evaluation Kit
MAX32660
MCU
LCD
MAX11615
ADC
ANALOG FRONT END
MAX17222
BOOST CONVERTER
3V COIN CELL
3.3V
I2C
A
V
COM
Ordering Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com