Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9634 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9634
Description  MAXNANOPWRBD# Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9634 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9634 Datasheet HTML 1Page - Maxim Integrated Products MAX9634 Datasheet HTML 2Page - Maxim Integrated Products MAX9634 Datasheet HTML 3Page - Maxim Integrated Products MAX9634 Datasheet HTML 4Page - Maxim Integrated Products MAX9634 Datasheet HTML 5Page - Maxim Integrated Products MAX9634 Datasheet HTML 6Page - Maxim Integrated Products MAX9634 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX32660, MAX11615,
MAX40007, MAX9119,
MAX9634, MAX17222
MAXNANOPWRBD# Evaluation Kit
REFDES
QTY
MANUFACTURER
PART NUMBER
DESCRIPTION
BT1
1
KEYSTONE
2996
BATTERY HOLDER; SMT; 11.6MM BUTTON CELL
RETAINER; 0.25MM PHOSPHOR BRONZE;
TIN NICKEL PLATED
C1, C3
2
TDK
C1608X5R1A106K080AC
CAPACITOR; SMT (0603); CERAMIC CHIP;
10µF; 10V; TOL = 10%;
TG = -55°C TO +85°C; TC = X5R
C2, C10,
C12
3
MURATA; TDK;
TAIYO YUDEN; TDK
GRM155R71E104KE14;
C1005X7R1E104K050BB;
TMK105B7104KVH;
CGJ2B3X7R1E104K050BB
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1µF;
25V; TOL = 10%;
TG = -55°C TO +125°C; TC = X7R
C4–C7,
C11, C14
8
KEMET; YAGEO
C0402C105K8PAC;
CC0402KRX5R6BB105
CAPACITOR; SMT (0402); CERAMIC CHIP; 1µF;
10V; TOL = 10%; TG = -55°C TO +85°C; TC = X5R
J1
1
JST
MANUFACTURING
SM04B-SRSS-TB(LF)(SN)
CONNECTOR; MALE; SMT; DISCONNECTABLE
CRIMP STYLE; RIGHT ANGLE; 4PINS
J2
1
PHOENIX CONTACT
1725656
CONNECTOR; FEMALE; THROUGH HOLE; PCB
TERMINAL BLOCK; RIGHT ANGLE; 2PINS
J3
1
MOLEX
51441-1093
CONNECTOR; FEMALE; SMT; 0.5MM FPC
CONNECTOR; RIGHT ANGLE; 10PINS
J7
1
SAMTEC
FTSH-105-01-L-DV-K
CONNECTOR; MALE; SMT; 0.05 (1.27MM) SMT
MICRO HEADER; STRAIGHT; 10PINS
L1
1
WURTH
ELECTRONICS INC.
74479276222
INDUCTOR; SMT (0806); MOLDED CHIP; 2.2µH;
30%; 1.40A
MH1–MH4
4
KEYSTONE
9032
ROUND-THRU HOLE SPACER; NO THREAD;
M3.5; 5/8IN; NYLON
MOD1
1
SHARP
LS013B7DH03
LCD MODULE;
30.3MM X 26.6MM X 0.851MM; SMT;
R1, R4,
R12
3
VISHAY DALE;
YAGEO PHICOMP
CRCW040210K0FK;
RC0402FR-0710KL
RESISTOR; 0402; 10K; 1%; 100PPM; 0.0625W;
THICK FILM
R2, R3
2
VENKEL LTD.;
PANASONIC
CR0402-16W-3091FT;
ERJ-2RKF309
RESISTOR; 0402; 3.09KΩ; 1%; 100PPM;
0.063W; THICK FILM
R7
1
VISHAY;
PANASONIC
CRCW060380K6FK;
ERJ-3EKF8062
RESISTOR; 0603; 80.6KΩ; 1%; 100PPM;
0.10W; METAL FILM
R9
1
KOA SPEER
SR732BTTDR390F
RES; SMT (1206); 0.390; 1%; ±100PPM/°C; 0.33W
R10
1
PANASONIC
ERJ-3EKF1133
RES; SMT (0603); 113K; 1%; ±100PPM/°C; 0.1W
MAXNANOPWRBD# EV Bill of Materials



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com