Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C310 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS80C310
Description  High-Speed Microcontroller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C310 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS80C310 Datasheet HTML 5Page - Maxim Integrated Products DS80C310 Datasheet HTML 6Page - Maxim Integrated Products DS80C310 Datasheet HTML 7Page - Maxim Integrated Products DS80C310 Datasheet HTML 8Page - Maxim Integrated Products DS80C310 Datasheet HTML 9Page - Maxim Integrated Products DS80C310 Datasheet HTML 10Page - Maxim Integrated Products DS80C310 Datasheet HTML 11Page - Maxim Integrated Products DS80C310 Datasheet HTML 12Page - Maxim Integrated Products DS80C310 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS80C310
9 of 22
Table 2. Data Memory Cycle Stretch Values
CKCON.2–CKCON.0
M2
M1
M0
MEMORY
CYCLES
RD OR WR STROBE
WIDTH IN CLOCKS
25MHz STROBE WIDTH
(ns)
0
0
0
2
2
80
0
0
1
3 (default)
4
160
0
1
0
4
8
320
0
1
1
5
12
480
1
0
0
6
16
640
1
0
1
7
20
800
1
1
0
8
24
960
1
1
1
9
28
1120
DUAL DATA POINTER (DPTR)
Data memory block moves can be accelerated using the DS80C310 dual data pointer (DPTR). The
standard 8032 DPTR is a 16-bit value that is used to address off-chip data RAM or peripherals. In the
DS80C310, the standard data pointer is called DPTR and is located at SFR addresses 82h and 83h. These
are the standard locations. No modification of standard code is needed to use DPTR. The new DPTR is
located at SFR 84h and 85h and is called DPTR1. The DPTR select bit (DPS) chooses the active pointer
and is located at the LSB of the SFR location 86h. No other bits in register 86h have any effect and are set
to 0. The user switches between data pointers by toggling the LSB of register 86h. The increment (INC)
instruction is the fastest way to accomplish this. All DPTR-related instructions use the currently selected
DPTR for any activity. Therefore, only one instruction is required to switch from a source to a destination
address. Using the DPTR saves code from needing to save source and destination addresses when doing a
block move. Once loaded, the software simply switches between DPTR0 and 1. The relevant register
locations are as follows.
DPL
82h
Low byte original DPTR
DPH
83h
High byte original DPTR
DPL1
84h
Low byte new DPTR
DPH1
85h
High byte new DPTR
DPS
86h
DPTR Select (lsb)
STOP MODE ENHANCEMENTS
Setting bit 1 of the Power Control Register (PCON; 87h) invokes the stop mode. Stop mode is the lowest
power state because it turns off all internal clocking. The ICC of a standard stop mode is approximately
1
A (but is specified in the Absolute Maximum Ratings section). The CPU exits stop mode from an
external interrupt or a reset condition. Internally generated interrupts are not useful since they require
clocking activity.
The DS80C310 allows a resume from stop using INT2–INT5, which are edge-triggered interrupts. An
internal crystal counter manages the startup timing. A delay of 65,536 clocks occurs to allow the crystal
time to stabilize. Software must also insert a delay of 100 machine cycles following the exit from stop
mode. This ensures stabilization of internal timing prior to time-critical software tasks such as serial port
operations or bus access to memory-mapped I/O devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com